Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC01 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC01
Description  Single-Supply Analog Interface Circuit
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC01 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC320AC01 Datasheet HTML 29Page - Texas Instruments TLC320AC01 Datasheet HTML 30Page - Texas Instruments TLC320AC01 Datasheet HTML 31Page - Texas Instruments TLC320AC01 Datasheet HTML 32Page - Texas Instruments TLC320AC01 Datasheet HTML 33Page - Texas Instruments TLC320AC01 Datasheet HTML 34Page - Texas Instruments TLC320AC01 Datasheet HTML 35Page - Texas Instruments TLC320AC01 Datasheet HTML 36Page - Texas Instruments TLC320AC01 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
2–19
2.18.1
Primary Serial Communications Data Format
D15
D14
D13
D12
D11
D10
D09
D08
D07
D06
D05
D04
D03
D02
D01
D00
14-bit DAC Conversion Result
2s-Complement Format†
Control Bits
† Since the supply voltage is single ended, the reference for 2s-complement format is ADC VMID. Voltagesabove
this reference have a 0 as the MSB, and voltages below this reference have a 1 as the MSB.
During primary serial communications, when D01 and D00 are both high in the DAC data word to DIN, a
subsequent 16 bits of control information is received by the device at DIN during a secondary
serial-communication interval. This secondary serial-communication interval begins at 1/2 the programmed
conversion time when the B register data value is even or 1/2 the programmed value minus one FCLK when
the B register data value is odd. The time between primary and secondary serial communication is
measured from the falling edge of the primary frame sync to the falling edge of the secondary frame sync
(see Section 2.19 for function and format of control words).
2.18.2
Data Format From DOUT During Primary Serial Communications
14-Bit ADC Conversion Result
2s-Complement Format
D15 is the Sign Bit
D15
D14
D13
D12
D11
D10
D09
D08
D07
D06
D05
D04
D03
D02
D01
D00
D01
+ 0
D00
+ 0
D01
+ 0
D00
+ 1
Master Mode
Slave Mode
2.19 Secondary Serial Communications
2.19.1
Data Format to DIN During Secondary Serial Communications
There are nine 16-bit configuration and control registers numbered from zero to eight. All register data
contents are represented in 2s-complement format. The general format of the commands during secondary
serial communications is as follows.
DS15 DS14 DS13 DS12 DS11 DS10 DS09 DS08 DS07 DS06 DS05 DS04 DS03 DS02 DS01 DS00
Control Bits
(2 bits)
R/W
Bit
Register Address
(5 bits)
Register Data Value
(8 bits)
All control register words are latched in the register and valid on the sixteenth falling edge of SCLK.
2.19.2
Control Data-Bit Function in Secondary Serial Communication
2.19.2.1 DS15 and DS14
In the secondary data word, bits DS15 and DS14 perform the same control function as the primary control
bits D01 and D00 do in the primary data word.
DS15 DS14 DS13 DS12
DS11 DS10 DS09 DS08 DS07 DS06 DS05 DS04 DS03 DS02 DS01 DS00
R/W
Register Address
Register Data
Control Bits
Hardware terminals FC1 and FC0 are valid inputs when DS15 and DS14 are both high, and they are ignored
for all other conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com