Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC01 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC01
Description  Single-Supply Analog Interface Circuit
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC01 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TLC320AC01 Datasheet HTML 79Page - Texas Instruments TLC320AC01 Datasheet HTML 80Page - Texas Instruments TLC320AC01 Datasheet HTML 81Page - Texas Instruments TLC320AC01 Datasheet HTML 82Page - Texas Instruments TLC320AC01 Datasheet HTML 83Page - Texas Instruments TLC320AC01 Datasheet HTML 84Page - Texas Instruments TLC320AC01 Datasheet HTML 85Page - Texas Instruments TLC320AC01 Datasheet HTML 86Page - Texas Instruments TLC320AC01 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
D–3
SOFTWARE MODULE
MODULE NAME: INOUTB.ASM
In-out routine for C5X DSK with two TLC320AC01s on the
TDM serial port of the C5X in master/slave mode.
This version performs the in/out task for both the master
and slave TLC320AC01 in the receive interrupt service
routine.
*****************************************************************************
*****************************************************************************
*
.mmregs
.ds
01000h
PR1
.word
0104h
;A register
PR2
.word
0219h
;B register
PR3
.word
0300h
;A prime register
PR4
.word
0405h
;amplifier gain register
PR5
.word
0501h
;analog configuration register
PR6
.word
0600h
;digital configuration register
PR7
.word
0730h
;frame synch delay register
PR8
.word
0802h
;frame synch number register
value
.word
0800h
value2
.word
0800h
val_add
.word
0200h
val_add2
.word
0400h
*****************************************************************************
*****************************************************************************
Set up the ISR vector
.ps
080ah
rint:
B
RECEIVE
; 0A; Serial port receive interrupt RINT.
xint:
B
TRANSMIT
; 0C; Serial port transmit interrupt XINT.
trint:
B
TDMREC
txint:
B
TDMTX
;
*
*****************************************************************************
*****************************************************************************
TMS320C5X INITIALIZATION
.ps 0a00h
.entry
START:
SETC
INTM
; Disable interrupts
LDP
#0
; Set data page pointer
OPL
#0834h,PMST
LACC
#0
SAMM
CWSR
SAMM
PDWSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com