Electronic Components Datasheet Search
  English  ▼

X  

TLC5921 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5921
Description  LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5921 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5921 Datasheet HTML 3Page - Texas Instruments TLC5921 Datasheet HTML 4Page - Texas Instruments TLC5921 Datasheet HTML 5Page - Texas Instruments TLC5921 Datasheet HTML 6Page - Texas Instruments TLC5921 Datasheet HTML 7Page - Texas Instruments TLC5921 Datasheet HTML 8Page - Texas Instruments TLC5921 Datasheet HTML 9Page - Texas Instruments TLC5921 Datasheet HTML 10Page - Texas Instruments TLC5921 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC
IREF
OUTn
GND
VCC
51
Ω
15 pF
1300
Ω
Figure 1. Rise Time and Fall Time Test Circuit for OUTn
tf
50%
tr
90%
10%
VIH or VOH
VIL or VOL
100%
0%
VIH or VOH
VIL or VOL
50%
100%
0%
VIH or VOH
VIL or VOL
td1
twh
twl
50%
100%
0%
VIH
VIL
100%
0%
Figure 2. Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com