Electronic Components Datasheet Search
  English  ▼

X  

TLC5921 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5921
Description  LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5921 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5921 Datasheet HTML 6Page - Texas Instruments TLC5921 Datasheet HTML 7Page - Texas Instruments TLC5921 Datasheet HTML 8Page - Texas Instruments TLC5921 Datasheet HTML 9Page - Texas Instruments TLC5921 Datasheet HTML 10Page - Texas Instruments TLC5921 Datasheet HTML 11Page - Texas Instruments TLC5921 Datasheet HTML 12Page - Texas Instruments TLC5921 Datasheet HTML 13Page - Texas Instruments TLC5921 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
constant output current
50
0
Ilkg – Input Leakage Current – (mA)
100000
1000
10
20
30
40
60
70
80
100
10000
66000
13200
6000
2750
1800
1300
860
1040
730
640
Conditions : VO = 1 V, Vref = 1.3 V
NOTE: The resistor, R(IREF), should be located as close to IREF terminal as possible to avoid the noise influence.
Figure 5. Current on Constant Current Output vs External Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com