Electronic Components Datasheet Search
  English  ▼

X  

TLC5921 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5921
Description  LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5921 Datasheet(HTML) 4 Page - Texas Instruments

  TLC5921 Datasheet HTML 1Page - Texas Instruments TLC5921 Datasheet HTML 2Page - Texas Instruments TLC5921 Datasheet HTML 3Page - Texas Instruments TLC5921 Datasheet HTML 4Page - Texas Instruments TLC5921 Datasheet HTML 5Page - Texas Instruments TLC5921 Datasheet HTML 6Page - Texas Instruments TLC5921 Datasheet HTML 7Page - Texas Instruments TLC5921 Datasheet HTML 8Page - Texas Instruments TLC5921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
SIN
5
I
1 bit serial data input
SOUT
28
O
1 bit serial data output
SCLK
4
I
Clock input for data transfer. All the data in the shift register is shifted to MSB by 1 bit
synchronizing to the rising edge of SCLK, and data at SIN is shifted to LSB at the same time.
(Schmitt buffer input)
XLAT
3
I
Latch. When XLAT is high, data on shift register goes through latch. When XLAT is low, data
is latched. Accordingly, if data on shift register is changed during XLAT high, this new value
is latched (level latch). This terminal is internally pulled down with 100k
Ω.
SOMODE
30
I
Timing select for serial data output. When SOMODE is low, output data on SOUT is changed
synchronizing to the rising edge of SCLK. When SOMODE is high, output data on SOUT
is changed synchronizing to the falling edge of SCLK.
OUT0 – OUT15
7,8,10,11,12,13,
15,16,17,18,20,
21,22,23,25,26
O
Constant current output.
BLANK
2
I
Blank(Light off). When BLANK is high, all the output of constant current driver is turned off.
When BLANK is low and data written to latch is 1, the corresponding constant current output
turns on (LED on). This terminal is internally pulled up with 100k
Ω.
IREF
31
I
Constant current value setting. LED current is set to desired value by connecting external
resistor between IREF and GND. The 38 times current compared to current across external
resistor sink on output terminal.
XDOWN
29
O
Error output. XDOWN is configured as open collector. It goes low when TSD or LOD
functions.
VCC
32
Power supply voltage
GND
1
Ground
PGND
6,9,14,19,24,27
Ground for LED driver. (Internally connected to GND)
THERMAL PAD
package bottom
Heat sink pad. This pad is connected to the lowest potential to IC or thermal layer.
absolute maximum ratings (see Note 1)†
Supply voltage, VCC
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (dc), IO(LC)
90 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO(SOUT), VO(XDOWN)
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO(OUTn)
– 0.3 V to 18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25°C
3.9 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation rating at (or above) TA = 25°C
31.4 mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com