Electronic Components Datasheet Search
  English  ▼

X  

TLC7528C Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC7528C
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7528C Datasheet(HTML) 4 Page - Texas Instruments

  TLC7528C Datasheet HTML 1Page - Texas Instruments TLC7528C Datasheet HTML 2Page - Texas Instruments TLC7528C Datasheet HTML 3Page - Texas Instruments TLC7528C Datasheet HTML 4Page - Texas Instruments TLC7528C Datasheet HTML 5Page - Texas Instruments TLC7528C Datasheet HTML 6Page - Texas Instruments TLC7528C Datasheet HTML 7Page - Texas Instruments TLC7528C Datasheet HTML 8Page - Texas Instruments TLC7528C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TLC7528C, TLC7528E, TLC7528I
DUAL 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTERS
SLAS062B – JANUARY 1987 – REVISED MARCH 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VrefA = VrefB = 10 V, VOA and VOB at 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VDD = 5 V
VDD = 15 V
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
IIH
High-level input current
VI = VDD
10
10
µA
IIL
Low-level input current
VI = 0
5
12
–10
5
12
–10
µA
Reference input impedance
REFA or REFB to AGND
20
20
k
Ω
IIk
Output leakage current
OUTA
DAC data latch loaded with
00000000, VrefA = ± 10 V
±400
±200
nA
IIkg
Output leakage current
OUTB
DAC data latch loaded with
00000000, VrefB = ± 10 V
±400
±200
nA
Input resistance match
(REFA to REFB)
±1%
±1%
DC supply sensitivity,
∆gain/∆VDD
∆VDD = ±10%
0.04
0.02
%/%
IDD
Supply current (quiescent)
All digital inputs at VIHmin or
VILmax
2
2
mA
IDD
Supply current (standby)
All digital inputs at 0 V or VDD
0.5
0.5
mA
DB0–DB7
10
10
pF
Ci
Input capacitance
WR, CS,
DACA/DACB
15
15
pF
C
Output capacitance (OUTA OUTB)
DAC data latches loaded with
00000000
50
50
pF
Co
Output capacitance (OUTA, OUTB)
DAC data latches loaded with
11111111
120
120
pF
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com