Electronic Components Datasheet Search
  English  ▼

X  

TLC7528C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC7528C
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7528C Datasheet(HTML) 3 Page - Texas Instruments

  TLC7528C Datasheet HTML 1Page - Texas Instruments TLC7528C Datasheet HTML 2Page - Texas Instruments TLC7528C Datasheet HTML 3Page - Texas Instruments TLC7528C Datasheet HTML 4Page - Texas Instruments TLC7528C Datasheet HTML 5Page - Texas Instruments TLC7528C Datasheet HTML 6Page - Texas Instruments TLC7528C Datasheet HTML 7Page - Texas Instruments TLC7528C Datasheet HTML 8Page - Texas Instruments TLC7528C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLC7528C, TLC7528E, TLC7528I
DUAL 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTERS
SLAS062B – JANUARY 1987 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VDD (to AGND or DGND)
– 0.3 V to 16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage between AGND and DGND
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (to DGND)
– 0.3 V to VDD + 0.3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage, VrefA or VrefB (to AGND)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Feedback voltage VRFBA or VRFBB (to AGND)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (voltage mode out A, out B to AGND)
– 0.3 V to VDD + 0.3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VOA or VOB (to AGND)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak input current
10
µA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC7528C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC7528I
– 25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC7528E
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds, TC: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DW or N package
260
°C
. . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
VDD = 4.75 V to 5.25 V VDD = 14.5 V to 15.5 V
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Reference voltage, VrefA or VrefB
±10
±10
V
High-level input voltage, VIH
2.4
13.5
V
Low-level input voltage, VIL
0.8
1.5
V
CS setup time, tsu(CS)
50
50
ns
CS hold time, th(CS)
0
0
ns
DAC select setup time, tsu(DAC)
50
50
ns
DAC select hold time, th(DAC)
10
10
ns
Data bus input setup time tsu(D)
25
25
ns
Data bus input hold time th(D)
10
10
ns
Pulse duration, WR low, tw(WR)
50
50
ns
TLC7628C
0
70
0
70
Operating free-air temperature, TA
TLC7628I
–25
85
–25
85
°C
TLC7628E
–40
85
–40
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com