Electronic Components Datasheet Search
  English  ▼

X  

TLC7528C Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC7528C
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7528C Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC7528C Datasheet HTML 9Page - Texas Instruments TLC7528C Datasheet HTML 10Page - Texas Instruments TLC7528C Datasheet HTML 11Page - Texas Instruments TLC7528C Datasheet HTML 12Page - Texas Instruments TLC7528C Datasheet HTML 13Page - Texas Instruments TLC7528C Datasheet HTML 14Page - Texas Instruments TLC7528C Datasheet HTML 15Page - Texas Instruments TLC7528C Datasheet HTML 16Page - Texas Instruments TLC7528C Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
256
(DAC ladder resistance)
DAC digital code
TLC7528C, TLC7528E, TLC7528I
DUAL 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTERS
SLAS062B – JANUARY 1987 – REVISED MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Bandpass Out
High Pass
Out
30 k
Ω
47 pF
C3
R5
R4
R3
Low Pass Out
1000 pF
C2
C1
1000 pF
DACA
(R1)
(R2)
DACB
TLC7528
OUTA
RFBA
AGND
OUTB
REFB
RFBB
2
3
1
20
19
18
REFA
VDD
CS
WR
DGND
DACA / DACB
DACA2 and DACB2
A3
A2
A1
DACA1 AND DACB1
Data In
VI
DACA / DACB
6
DGND
5
WR
16
CS
15
DB0 – DB7
14 – 7
17
VDD
REFA
4
18
19
20
1
3
2
RFBB
REFB
OUTB
AGND
RFBA
OUTA
TLC7528
DACB
(RF)
(RS)
DACA
Q
+
R
3
R
4
·
R
F
R
fb(DACB1)
C1 = C2, R1 = R2, R4 = R5
G
+ –
R
F
R
S
30 k
Ω
10 k
Ω
A4
14 – 7
DB0 – DB7
8
8
Data In
6
5
16
15
17
4
R
fb
is the internal resistor connected between OUTB and RFBB
Where:
Circuit Equations:
NOTES: A. Op-amps A1, A2, A3, and A4 are TL287.
B. CS compensates for the op-amp gain-bandwidth limitations.
C. DAC equivalent resistance equals
Figure 10. Digitally Controlled State-Variable Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com