Electronic Components Datasheet Search
  English  ▼

X  

BC618 Datasheet(PDF) 5 Page - Motorola, Inc

Part # BC618
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC618 Datasheet(HTML) 5 Page - Motorola, Inc

  BC618 Datasheet HTML 1Page - Motorola, Inc BC618 Datasheet HTML 2Page - Motorola, Inc BC618 Datasheet HTML 3Page - Motorola, Inc BC618 Datasheet HTML 4Page - Motorola, Inc BC618 Datasheet HTML 5Page - Motorola, Inc BC618 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC618
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 12. Thermal Response
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0 k
2.0 k
5.0 k
10 k
Figure 13. Active Region Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
1.0 k
0.4
700
500
300
200
100
70
50
30
20
10
0.6
1.0
2.0
4.0
6.0
10
20
40
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
Z
θJC(t) = r(t) • RθJC TJ(pk) – TC = P(pk) ZθJC(t)
Z
θJA(t) = r(t) • RθJA TJ(pk) – TA = P(pk) ZθJA(t)
1.0 ms
100
µs
TC = 25°C
1.0 s
Design Note: Use of Transient Thermal Resistance Data
FIGURE A
tP
PP
PP
t1
1/f
DUTY CYCLE
+ t1 f +
t1
tP
PEAK PULSE POWER = PP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com