Electronic Components Datasheet Search
  English  ▼

X  

TLV2721 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2721
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2721 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2721 Datasheet HTML 8Page - Texas Instruments TLV2721 Datasheet HTML 9Page - Texas Instruments TLV2721 Datasheet HTML 10Page - Texas Instruments TLV2721 Datasheet HTML 11Page - Texas Instruments TLV2721 Datasheet HTML 12Page - Texas Instruments TLV2721 Datasheet HTML 13Page - Texas Instruments TLV2721 Datasheet HTML 14Page - Texas Instruments TLV2721 Datasheet HTML 15Page - Texas Instruments TLV2721 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TLV2721, TLV2721Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS197 – AUGUST 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
DISTRIBUTION OF TLV2721 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT†
αVIO – Input Offset Voltage
Temperature Coefficient –
µV/°C
15
10
5
0
20
25
–4
–3
–2
0
1
2
3
VDD = ± 1.5 V
P Package
TA = 25°C to 125°C
–1
4
32 Amplifiers From 1 Wafer Lot
Figure 6
DISTRIBUTION OF TLV2721 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT†
αVIO – Input Offset Voltage
Temperature Coefficient –
µV/°C
15
10
5
0
20
25
–4
–3
–2
0
1
2
3
VDD = ± 2.5 V
P Package
TA = 25°C to 125°C
–1
4
32 Amplifiers From 1 Wafer Lot
Figure 7
INPUT BIAS AND INPUT OFFSET CURRENTS
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
50
40
20
10
0
90
30
25
45
65
85
70
60
80
100
105
125
VDD
± = ±2.5 V
VIC = 0
VO = 0
RS = 50 Ω
IIB
IIO
Figure 8
0
4
1
1.5
2
2.5
2
1
3
INPUT VOLTAGE
vs
SUPPLY VOLTAGE
5
3
3.5
4
–1
–2
–3
–4
–5
RS = 50 Ω
TA = 25°C
|VIO| ≤ 5 mV
|VDD
±| – Supply Voltage – V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com