Electronic Components Datasheet Search
  English  ▼

X  

TLV2721 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2721
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2721 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV2721 Datasheet HTML 19Page - Texas Instruments TLV2721 Datasheet HTML 20Page - Texas Instruments TLV2721 Datasheet HTML 21Page - Texas Instruments TLV2721 Datasheet HTML 22Page - Texas Instruments TLV2721 Datasheet HTML 23Page - Texas Instruments TLV2721 Datasheet HTML 24Page - Texas Instruments TLV2721 Datasheet HTML 25Page - Texas Instruments TLV2721 Datasheet HTML 26Page - Texas Instruments TLV2721 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
TLV2721, TLV2721Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS197 – AUGUST 1997
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 47
GAIN-BANDWIDTH PRODUCT †‡
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
500
400
300
200
600
700
800
– 50
– 25
0
25
50
100
75
VDD = 5 V
f = 10 kHz
RL = 2 kHz
CL = 100 pF
125
–75
Figure 48
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
500
450
425
400
550
575
600
525
475
02
3
5
7
8
14
6
RL = 2k
CL = 100 pF
TA = 25°C
Figure 49
GAIN MARGIN
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
Rnull =
500
Ω
Rnull = 200 Ω
Rnull = 0
20
10
5
0
15
101
10 2
10 3
10 4
Rnull = 1 kΩ
TA = 25°C
RL = ∞
Figure 50
CL – Load Capacitance – pF
101
10 2
10 3
10 4
Rnull = 1 kΩ
Rnull = 500 Ω
Rnull = 100 Ω
Rnull = 0
TA = 25°C
RL = 2 kΩ
20
15
10
5
0
GAIN MARGIN
vs
LOAD CAPACITANCE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com