Electronic Components Datasheet Search
  English  ▼

X  

TLV5580 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5580
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5580 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5580 Datasheet HTML 4Page - Texas Instruments TLV5580 Datasheet HTML 5Page - Texas Instruments TLV5580 Datasheet HTML 6Page - Texas Instruments TLV5580 Datasheet HTML 7Page - Texas Instruments TLV5580 Datasheet HTML 8Page - Texas Instruments TLV5580 Datasheet HTML 9Page - Texas Instruments TLV5580 Datasheet HTML 10Page - Texas Instruments TLV5580 Datasheet HTML 11Page - Texas Instruments TLV5580 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TLV5580
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
SLAS205A – DECEMBER 1998 – REVISED JANUARY 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions with fCLK = 80 MSPS and use
of external voltage references (unless otherwise noted) (continued)
dynamic performance†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fin = 1 MHz
6.6
7.0
Effective number of bits ENOB
fin = 4.43 MHz
6.6
7.0
Bits
Effective number of bits, ENOB
fin = 15 MHz
6.5
Bits
fin = 76 MHz
6.6
fin = 1 MHz
41.5
43.5
Signal to total harmonic distortion + noise S/(THD+N)
fin = 4.43 MHz
41.5
43.5
dB
Signal-to-total harmonic distortion + noise, S/(THD+N)
fin = 15 MHz
41
dB
fin = 76 MHz
41.5
fin = 1 MHz
–46
–50
Total harmonic distortion (THD)
fin = 4.43 MHz
–45.5
–49
dB
Total harmonic distortion (THD)
fin = 15 MHz
–44
dB
fin = 76 MHz
–45.5
fin = 1 MHz
48
53
Spurious free dynamic range (SFDR)
fin = 4.43 MHz
48
53
dB
Spurious free dynamic range (SFDR)
fin = 15 MHz
46.5
dB
fin = 76 MHz
48.5
Analog input full-power bandwidth, BW
See Note 4
700
MHz
Differential phase DP
f40 MH
f
4 43 MH
08
°
Differential phase, DP
fclk = 40 MHz, fin = 4.43 MHz,
0.8
°
Differential gain DG
clk
in
20 IRE amplitude vs. full-scale of 140 IRE
06
%
Differential gain, DG
20 IRE am litude vs. full scale of 140 IRE
0.6
%
† Based on analog input voltage of – 1 dBFS referenced to a 1.3 Vpp full-scale input range and using the external voltage references at
fclk = 80 MSPS with AVDD = DVDD = 3.3 V and DRVDD = 3.0 V at 25°C.
NOTE 4: The analog input bandwidth is defined as the maximum frequency of a –1 dBFS input sine that can be applied to the device for which
an extra 3 dB attenuation is observed in the reconstructed output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com