Electronic Components Datasheet Search
  English  ▼

X  

TLV5580 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5580
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5580 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV5580 Datasheet HTML 14Page - Texas Instruments TLV5580 Datasheet HTML 15Page - Texas Instruments TLV5580 Datasheet HTML 16Page - Texas Instruments TLV5580 Datasheet HTML 17Page - Texas Instruments TLV5580 Datasheet HTML 18Page - Texas Instruments TLV5580 Datasheet HTML 19Page - Texas Instruments TLV5580 Datasheet HTML 20Page - Texas Instruments TLV5580 Datasheet HTML 21Page - Texas Instruments TLV5580 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TLV5580
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
SLAS205A – DECEMBER 1998 – REVISED JANUARY 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV5580 EVALUATION MODULE
TLV5580 evaluation module
TI provides an evaluation module (EVM) for TLV5580. The EVM also includes a 10b 80 MSPS DAC so that the
user can convert the digitized signal back to the analog domain for functional testing. Performance
measurements can be done by capturing the ADC’s output data.
The EVM provides the following additional features:
D Provision of footprint for the connection of an onboard crystal oscillator, instead of using an external clock
input.
D Use of TLV5580 internal or external voltage references. In the case of external references, an onboard
circuit is used that derives adjustable bottom and top reference voltages from a bandgap reference. Two
potentiometers allow for the independent adjustments of both references. The full scale ADC range can be
adjusted to the input signal amplitude.
D All digital output, control signal I/O (output enable, standby, reference powerdown) and clock I/O are
provided on a single connector. The EVM can thus be part of a larger (DSP) system for prototyping.
D Onboard prototyping area with analog and digital supply and ground connections.
Figure 15 shows the EVM schematic.
The EVM is factory shipped for use in the following configuration:
D Use of external (onboard) voltage references
D External clock input
analog input
A signal in the range between V(REFBI) and V(REFTI) should be applied to avoid overflow/underflow on connector
J10. This signal is onboard terminated with 50
Ω. There is no onboard biasing of the signal. When using external
(onboard) references, these levels can be adjusted with R7 (V(REFTI)) and R6 (V(REFBI)). Adjusting R7 causes
both references to shift. R6 only impacts the bottom reference. The range of these signals for which the device
is specified depends on AVDD and is shown under the Recommended Operating Conditions.
Internally generated reference levels are also dependent on AVDD as shown in the electrical characteristics
section.
clock input
A clock signal should be applied with amplitudes ranging from 0 to AVDD with a frequency equal to the desired
sampling frequency on connector J9. This signal is onboard terminated with 50
Ω. Both ADC and DAC run off
the same clock signal. Alternatively the clock can be applied from terminal 1 on connector J11. A third option
is using a crystal oscillator. The EVM board provides the footprint for a crystal oscillator that can be populated
by the end-user, depending on the desired frequency. The footprint is compatible with the Epson EG-8002DC
series of programmable high-frequency crystal oscillators. Refer to the TLV5580 EVM Settings for selecting
between the different clock modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com