Electronic Components Datasheet Search
  English  ▼

X  

TMS279X Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS279X
Description  FLOPPY DISK FORMATTERICONTROLLER FAMILY
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS279X Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS279X Datasheet HTML 29Page - Texas Instruments TMS279X Datasheet HTML 30Page - Texas Instruments TMS279X Datasheet HTML 31Page - Texas Instruments TMS279X Datasheet HTML 32Page - Texas Instruments TMS279X Datasheet HTML 33Page - Texas Instruments TMS279X Datasheet HTML 34Page - Texas Instruments TMS279X Datasheet HTML 35Page - Texas Instruments TMS279X Datasheet HTML 36Page - Texas Instruments TMS279X Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
TMS279X (WD279X) FLOPPY DISK FORMATTER / CONTROLLER FAMILY
33
absolute maximum ratings over operating free-air temperature range (unless otherwise noted) †
Voltage on any input (see Note 1) ..................................................................................... - 0.5 V to 7 V
Power dissipation (all outputs open) .......................................................................................... 0.75 W
Operating free-air temperature range ................................................................................... 0°C to 70°C
Storage temperature range .......................................................................................... - 55 °C to 125°C
† Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the "Recommended Operating Conditions"
section of this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect devic e reliability.
NOTE 1: All voltage values in this data sheet are with respect to VSS
.
recommended operating conditions
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Supply voltage, VSS
0
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics over full ranges of recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP† MAX
UNIT
VOH High-level voltage output
PUMP
IOH = -1 mA
2.2
All others
IOH = -100 µA
2.4
V
VOL Low-level output voltage
PUMP
IOL = 1 mA
0.2
All others
IOL = 1.6 mA
0.45
V
II
Input current (leakage)
VI = VCC
10
µA
IO
Output current (leakage)
VO = VCC
10
µA
IPU
Internal pull-up current ‡
VI = 0 V
100
1700
µA
ICC
Supply current
All outputs open
70
150
mA
† All typical values are at TA = 25°C and nominal supply voltages.
‡ Internal pull-up resistors are on pins 1, 1 7, 19, 22, 36, 37, and 40. Also, pin 25 on 2791 and 2793 devices.
timing characteristics over recommended supply voltage range and operating free-air temperature range
READ ENABLE TIMING
PARAMETER
TEST
CONDITIONS
ALT.
SYMBOL†
MIN
TYP
MAX
UNIT
tsu(A-RE)
A0, A1 to RE# setup time
TSET
50
ns
tsu(CS-RE)
CS# to RE# setup time
TSET
50
ns
th(A-RE)
A0, A1 from RE# hold time
THLD
10
ns
th(CS-RE)
CS# from RE# hold time
THLD
10
ns
tw(RE)
RE pulse duration
CL = 50 pF
THE
200
ns
trs(RE-DRQ)
Reset time, DRQ from RE#
TDRR
100
200
ns
trs(RE-INT)
Reset time, INTRQ from RE#
TIRR
500
3000
ns
ta(RE)
Data access time from RE#
CL = 50 pF
TDACC
100
200
ns
tdis(RE)
Data disable time from RE #
CL = 50 pF
TDOH
20
150
ns
† Symbol used in Western Digital Corporation WD279X-02 Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com