Electronic Components Datasheet Search
  English  ▼

X  

TMS279X Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS279X
Description  FLOPPY DISK FORMATTERICONTROLLER FAMILY
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS279X Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS279X Datasheet HTML 30Page - Texas Instruments TMS279X Datasheet HTML 31Page - Texas Instruments TMS279X Datasheet HTML 32Page - Texas Instruments TMS279X Datasheet HTML 33Page - Texas Instruments TMS279X Datasheet HTML 34Page - Texas Instruments TMS279X Datasheet HTML 35Page - Texas Instruments TMS279X Datasheet HTML 36Page - Texas Instruments TMS279X Datasheet HTML 37Page - Texas Instruments TMS279X Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
TMS279X (WD279X) FLOPPY DISK FORMATTER / CONTROLLER FAMILY
34
WRITE ENABLE TIMING
PARAMETER
TEST
CONDITIONS
ALT.
SYMBOL†
MIN
TYP
MAX
UNIT
tsu(A-WE)
A0, A1 to WE# setup time
TSET
50
ns
tsu(CS-WE)
CS# to VVE# setup time
TSET
50
ns
th(A-WE)
A0, A1 from WE# hold time
THLD
10
ns
th(CS-WE)
CS# from WE# hold time
THLD
10
ns
tw(WE)
WE# pulse duration
TWE
200
ns
trs(WE-DRQ) DRQ reset time from WE#
TDRR
100
200
ns
trs(WE-INT)
INTRQ reset time from WE#
TIRR
500
3000
ns
tsu(D-WE)
Data setup time to WE#
TDS
150
ns
th(D-WE)
Data hold time from WE#
TDH
50
ns
† Symbol used in Western Digital Corporation WD279X-02 Data Sheet.
* Time doubles when CLK = 1 MHz.
† t
SERVICE (WORST CASE): FM 27.5µs, MFM 13.5 µs.
NOTES:
2.
CS# may be permanently tied low if desired.
3.
DRQ rising edge: indicates that the data register has assembled data
4.
DRQ falling edge: indicates that the data register was read.
5.
INTREQ rising edge: occurs at end of command.
6.
INTREQ falling edge: indicates that the status register was read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com