Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 50 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments TMS320VC549 Datasheet HTML 53Page - Texas Instruments TMS320VC549 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
50
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 13. ’54x Instruction Set Opcodes (Continued)
MNEMONIC SYNTAX
OPCODE
WORDS/
CYCLES†
DESCRIPTION
MNEMONIC SYNTAX
LSB
MSB
WORDS/
CYCLES†
DESCRIPTION
I / O INSTRUCTIONS
PORTR
PA, Smem
Read data from port
2/2
0111
0100
IAAA
AAAA
PORTW
Smem, PA
Write data to port
2/2
0111
0101
IAAA
AAAA
LOAD / STORE INSTRUCTIONS
CMPS
src, Smem
Compare, select and store maximum
1/1
1000
111S
IAAA
AAAA
DLD
Lmem, dst
Long-word load to accumulator
1/1
0101
011D
IAAA
AAAA
DST
src, Lmem
Store accumulator in long word
1/2
0100
111S
IAAA
AAAA
LD
Smem, dst
Load accumulator with operand
1/1
0001
000D
IAAA
AAAA
LD
Smem, TS, dst
Shift operand by TREG[5:0], then load into ACC
1/1
0001
010D
IAAA
AAAA
LD
Smem, 16, dst
Shift operand by 16 bits, then load into ACC
1/1
0100
010D
IAAA
AAAA
LD
Smem [, SHIFT ], dst
Shift operand, then load into ACC
(2-word opcode)
2/2
0110
0000
1111
110D
IAAA
010S
AAAA
HIFT
LD
Xmem, SHFT, dst
Shift operand, then load into ACC
1/1
1001
010D
XXXX
SHFT
LD #
K, dst
Load ACC with short-immediate operand
1/1
1110
100D
KKKK
KKKK
LD #
lk [, SHFT ], dst
Shift long-immediate, then load into ACC
2/2
1111
000D
0010
SHFT
LD #
lk, 16, dst
Shift long-immediate 16 bits, load into ACC
2/2
1111
000D
0110
0010
LD
src, ASM [, dst ]
Shift ACC by value in ASM register
1/1
1111
01SD
1000
0010
LD
src [, SHIFT ] [, dst ]
Shift accumulator
1/1
1111
01SD
010S
HIFT
LD
Smem, T
Load TREG with single data-memory operand
1/1
0011
0000
IAAA
AAAA
LD
Smem, DP
Load DP with single data-memory operand
1/3
0100
0110
IAAA
AAAA
LD #
k9, DP
Load DP with 9-bit operand
1/1
1110
101K
KKKK
KKKK
LD #
k5, ASM
Load ACC shift-mode register with 5-bit operand
1/1
1110
1101
000K
KKKK
LD #
k3, ARP
Load ARP with 3-bit operand
1/1
1111
0100
1010
0KKK
LD
Smem, ASM
Load operand bits 4–0 into ASM register
1/1
0011
0010
IAAA
AAAA
LD
Xmem, dst
|| MAC[R]
Ymem [, dst_ ]
Parallel load, multiply / accumulate [round]
1/1
1010
10RD
XXXX
YYYY
LD
Xmem, dst
|| MAS[R]
Ymem [, dst_ ]
Parallel load, multiply / subtract [round]
1/1
1010
11RD
XXXX
YYYY
LDM
MMR, dst
Load memory-mapped register to ACC
1/1
0100
100D
IAAA
AAAA
LDR
Smem, dst
Load memory value in ACC high with rounding
1/1
0001
011D
IAAA
AAAA
LDU
Smem, dst
Load unsigned memory value
1/1
0001
001D
IAAA
AAAA
LTD
Smem
Load TREG and insert delay
1/1
0100
1100
IAAA
AAAA
SACCD
src, Xmem, cond
Store accumulator conditionally
1/1
1001
111S
XXXX
COND
SRCCD
Xmem, cond
Store block-repeat counter conditionally
1/1
1001
1101
XXXX
COND
ST T,
Smem
Store TREG
1/1
1000
1100
IAAA
AAAA
ST TRN,
Smem
Store TRN
1/1
1000
1101
IAAA
AAAA
ST #
lk, Smem
Store long-immediate operand
2/2
0111
0110
IAAA
AAAA
STH
src, Smem
Store accumulator high to data memory
1/1
1000
001S
IAAA
AAAA
† Values for words and cycles assume the use of DARAM for data. Add one word and one cycle when using long-offset indirect addressing or
absolute addressing with a single data-memory operand.
‡ Delayed Instruction
§ Condition true
¶ Condition false
instruction set summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com