Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 51 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments TMS320VC549 Datasheet HTML 53Page - Texas Instruments TMS320VC549 Datasheet HTML 54Page - Texas Instruments TMS320VC549 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
51
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 13. ’54x Instruction Set Opcodes (Continued)
MNEMONIC SYNTAX
OPCODE
WORDS/
CYCLES†
DESCRIPTION
MNEMONIC SYNTAX
LSB
MSB
WORDS/
CYCLES†
DESCRIPTION
LOAD / STORE INSTRUCTIONS (CONTINUED)
STH
src, ASM, Smem
Shift ACC high by ASM, store to data memory
1/1
1000
011S
IAAA
AAAA
STH
src, SHFT, Xmem
Shift ACC high, then store to data memory
1/1
1001
101S
XXXX
SHFT
STH
src [, SHIFT ], Smem
Shift ACC high, then store to data memory
(2-word opcode)
2/2
0110
0000
1111
110S
IAAA
011S
AAAA
HIFT
ST
src, Ymem
|| ADD
Xmem, dst
Store ACC with parallel add
1/1
1100
00SD
XXXX
YYYY
ST
src, Ymem
|| LD
Xmem, dst
Store ACC with parallel load into accumulator
1/1
1100
10SD
XXXX
YYYY
ST
src, Ymem
|| LD
Xmem, T
Store ACC with parallel load into TREG
1/1
1110
01S0
XXXX
YYYY
ST
src, Ymem
|| MAC[R]
Xmem, dst
Parallel store and multiply ACC [round]
1/1
1101
0RSD
XXXX
YYYY
ST
src, Ymem
|| MAS[R]
Xmem, dst
Parallel store, multiply, and subtract
1/1
1101
1RSD
XXXX
YYYY
ST
src, Ymem
|| MPY
Xmem, dst
Parallel store and multiply
1/1
1100
11SD
XXXX
YYYY
ST
src, Ymem
|| SUB
Xmem, dst
Parallel store and subtract
1/1
1100
01SD
XXXX
YYYY
STL
src, Smem
Store ACC low to data memory
1/1
1000
000S
IAAA
AAAA
STL
src, ASM, Smem
Shift ACC low by ASM, store to data memory
1/1
1000
010S
IAAA
AAAA
STL
src, SHFT, Xmem
Shift ACC low, then store to data memory
1/1
1001
100S
XXXX
SHFT
STL
src [, SHIFT], Smem
Shift ACC low, then store to data memory
(2-word opcode)
2/2
0110
0000
1111
110S
IAAA
100S
AAAA
HIFT
STLM
src, MMR
Store ACC low to MMR
1/1
1000
100S
IAAA
AAAA
STM #
lk, MMR
Store long-immediate to MMR
2/2
0111
0111
IAAA
AAAA
STRCD
Xmem, cond
Store TREG conditionally
1/1
1001
1100
XXXX
COND
LOGICAL INSTRUCTIONS
AND
Smem, src
AND single data-memory operand with ACC
1/1
0001
100S
IAAA
AAAA
AND #
lk [, SHFT ], src [, dst ]
Shift long-immediate operand, AND with ACC
2/2
1111
00SD
0011
SHFT
AND #
lk, 16, src [, dst ]
Shift long-immediate 16 bits, AND with ACC
2/2
1111
00SD
0110
0011
AND
src [, SHIFT ], [, dst ]
AND accumulator(s), then shift result
1/1
1111
00SD
100S
HIFT
ANDM #
lk, Smem
AND memory with long-immediate operand
2/2
0110
1000
IAAA
AAAA
BIT
Xmem, BITC
Test bit
1/1
1001
0110
XXXX
BITC
BITF
Smem, #lk
Test bit field specified by immediate value
2/2
0110
0001
IAAA
AAAA
BITT
Smem
Test bit specified by TREG
1/1
0011
0100
IAAA
AAAA
CMPL
src [, dst ]
Complement accumulator
1/1
1111
01SD
1001
0011
CMPM
Smem, #lk
Compare memory with long-immediate operand
2/2
0110
0000
IAAA
AAAA
CMPR
CC, ARx
Compare auxiliary register with AR0
1/1
1111
01CC
1010
1ARX
OR
Smem, src
OR single data-memory operand with ACC
1/1
0001
101S
IAAA
AAAA
† Values for words and cycles assume the use of DARAM for data. Add one word and one cycle when using long-offset indirect addressing or
absolute addressing with a single data-memory operand.
‡ Delayed Instruction
§ Condition true
¶ Condition false
instruction set summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com