Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 58 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 54Page - Texas Instruments TMS320VC549 Datasheet HTML 55Page - Texas Instruments TMS320VC549 Datasheet HTML 56Page - Texas Instruments TMS320VC549 Datasheet HTML 57Page - Texas Instruments TMS320VC549 Datasheet HTML 58Page - Texas Instruments TMS320VC549 Datasheet HTML 59Page - Texas Instruments TMS320VC549 Datasheet HTML 60Page - Texas Instruments TMS320VC549 Datasheet HTML 61Page - Texas Instruments TMS320VC549 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
58
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics and operating conditions — ’C541, ’C542 (continued)
electrical characteristics over recommended operating case temperature range (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage‡
IOH = –300 µA
2.4
V
VOL
Low-level output voltage‡
IOL = 2 mA
0.6
V
IIZ
Input current in high impedance
VDD = MAX,
VI = VSS to VDD
–20
20
µA
TRST
With internal pulldown
–10
800
µA
It
t
HPIENA
With internal pulldown, RS = 0
–10
400
II
Input current
(VI =VSS to VDD)
TMS, TCK, TDI, HPI||
With internal pullups
–500
10
A
II
(VI = VSS to VDD)
D[15:0], HD[7:0]
Bus holders enabled, VDD = MAXk
–150
250
µA
All other input-only pins
–10
10
IDDC Supply current, core CPU
VDD = 5 V, fx = 40 MHz,§ TC = 25°C
47¶
mA
IDDP Supply current, pins
VDD = 5 V, fx = 40 MHz,§ TC = 25°C
18#
mA
IDD
Supply current standby
IDLE2
PLL
× 1 mode, 40 MHz input
4
mA
IDD
Supply current, standby
IDLE3
Divide-by-two mode, CLKIN stopped
5
µA
Ci
Input capacitance
10
pF
Co
Output capacitance
10
pF
† All typical values are at VDD = 5 V, TC = 25°C.
‡ All input and output voltage levels except RS, INT0 – INT3, NMI, CNT, X2/CLKIN, CLKMD0 – CLKMD3 are TTL-compatible.
§ Clock mode: PLL
× 1 with external source
¶ This value was obtained with 50% usage of MAC and 50% usage of NOP instructions. Actual operating current varies with program being
executed.
# This value was obtained with single-cycle external writes, CLKOFF = 0 and load = 15 pF. For more details on how this calculation is performed,
refer to the
Calculation of TMS320C54x Power Dissipation application report (literature number SPRA164).
|| HPI input signals except for HPIENA.
kVIL(MIN) ≤ VI ≤ VIL(MAX) or VIH(MIN) ≤ VI ≤ VIH(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com