Electronic Components Datasheet Search
  English  ▼

X  

TMS77C82 Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 34Page - Texas Instruments TMS77C82 Datasheet HTML 35Page - Texas Instruments TMS77C82 Datasheet HTML 36Page - Texas Instruments TMS77C82 Datasheet HTML 37Page - Texas Instruments TMS77C82 Datasheet HTML 38Page - Texas Instruments TMS77C82 Datasheet HTML 39Page - Texas Instruments TMS77C82 Datasheet HTML 40Page - Texas Instruments TMS77C82 Datasheet HTML 41Page - Texas Instruments TMS77C82 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
analog-to-digital converter 2 module (continued)
Table 28. A / D CONTROL REGISTER (ADCTL)
Bit #
7
65
43
21
0
P070
CONVERT
START
SAMPLE
START
—
REF VOLT
SELECT1
REF VOLT
SELECT0
—
AD INPUT
SELECT1
AD INPUT
SELECT0
RW– 0
RW – 0
RW – 0
RW – 0
RW – 0
RW – 0
RW – 0
R = read, W = write, –
n = value of the bit after the register is reset
Bits 0–1
AD INPUT SELECT 0–1 (analog input channel select bits 0 – 1)
These bits select the channel used for conversion. Channels should be changed only after the
ADC2 module has cleared the SAMPLE START and CONVERT START bits. Changing the
channel while either SAMPLE START or CONVERT START is 1 invalidates the conversion in
progress.
Table 29. Analog-Input Channel Selection
AD INPUT
SELECT 1
AD INPUT
SELECT 0
AD INPUT
CHANNEL
0
0
1
1
0
1
0
1
AN0
AN1
AN2
AN3
Bit 2
Reserved (read data is indeterminate)
Bits 3–4
REF VOLT SELECT 3–4 (reference voltage (+VREF) select bits 3–4)
These bits select the channel the ADC2 module uses for the positive voltage reference. These
bits must not change during the entire conversion.
Table 30. Voltage-Channel Selection
REF VOLT
SELECT 1
REF VOLT
SELECT 0
+VREF
SOURCE
0
0
1
1
0
1
0
1
VCC
AN1
AN2
AN3
Bit 5
Reserved (read data is indeterminate)
Bit 6
SAMPLE START (sample start)
Setting this bit stops any ongoing conversion and starts sampling the selected input channel to
begin a new conversion. This bit is cleared by the ADC2 module. Entering HALT or STANDBY
mode clears this bit and aborts any sampling in progress.
Bit 7
CONVERT START (conversion start)
Setting this bit starts the conversion. This bit is cleared by the ADC2 module. Entering HALT or
STANDBY mode clears this bit and aborts any conversion in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com