| Electronic Components Datasheet Search |
|
TMS77C82 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 63 page ![]() TMS370CxCx 8-BIT MICROCONTROLLER SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997 39 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 analog-to-digital converter 2 module (continued) Table 31. A / D Control Register (ADSTAT) Bit # 7 65 43 21 0 P071 — — — — — AD READY AD INT FLAG AD INT ENA R–0 RC – 0 RW – 0 R = read, W = write, C = clear only, – n = value of the bit after the register is reset Bit 0 AD INT ENA (A / D interrupt enable) This bit controls the ADC2 module’s ability to generate an interrupt. 0 = Disable A/D interrupt 1 = Enable A/D interrupt Bit 1 AD INT FLAG (A/D interrupt flag) The ADC2 module sets this bit at the end of an ADC2 conversion. If this bit is set while the A/D INT ENA bit is set, an interrupt request is generated. Clearing this flag clears pending A/D interrupt requests. This bit is cleared by the system reset or by entering HALT or STANDBY mode. Software cannot set this bit. Bit 2 AD READY (A/D converter ready) The ADC2 module sets this bit whenever a conversion is not in progress and the ADC2 is ready for a new conversion to start. Writing to this bit has no effect on its state. 0 = Conversion is in process 1 = Converter is ready Bits 3–7 Reserved (read data is indeterminate) Table 32. A / D Conversion Data Register (DATA) Bit # 7 65 43 21 0 P072 DATA 7 DATA 6 DATA 5 DATA 4 DATA 3 DATA 2 DATA 1 DATA 0 R–0 R–0 R–0 R–0 R–0 R–0 R–0 R–0 R = read, – n = value of the bit after the register is reset The analog-to-digital conversion data is loaded into this register at the end of a conversion and remains until replaced by another conversion. Table 33. AN0–AN3 Port E0 – E3 Data Input Register (ADIN) Bit # 7 6 5 4 3 2 1 0 P07D — — — — DATA IN AN3 DATA IN AN2 DATA IN AN1 DATA IN AN0 R–0 R–0 R–0 R–0 R = read, – n = value of the bit after the register is reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |