Electronic Components Datasheet Search
  English  ▼

X  

TMS77C82 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 24Page - Texas Instruments TMS77C82 Datasheet HTML 25Page - Texas Instruments TMS77C82 Datasheet HTML 26Page - Texas Instruments TMS77C82 Datasheet HTML 27Page - Texas Instruments TMS77C82 Datasheet HTML 28Page - Texas Instruments TMS77C82 Datasheet HTML 29Page - Texas Instruments TMS77C82 Datasheet HTML 30Page - Texas Instruments TMS77C82 Datasheet HTML 31Page - Texas Instruments TMS77C82 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
28
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial communications interface 2 module (continued)
Bit 5
PARITY ENABLE (SCI parity enable)
This bit enables or disables the parity function. When parity is enabled during the address bit
multiprocessor mode, the address bit is included in the parity calculation.
0 = Disables parity. No parity bit is generated during transmission or expected during reception.
1 = Enables parity
Bit 6
EVEN/ODD PARITY (SCI parity enable)
If the PARITY ENABLE bit is set, this bit selects odd or even parity (odd or even number of bits
in both transmitted and received characters).
0 = Sets odd parity
1 = Sets even parity
Bit 7
STOP BITS (SCI number of stop bits)
This bit determines the number of stop bits transmitted. The receiver checks for one stop bit only.
0 = One stop bit
1 = Two stop bits
SCI control register (SCICTL)
The SCICTL register controls the RX/TX enable, TXWAKE and SLEEP functions, and the SCI software reset.
Table 17. SCI Control Register (SCICTL) [Memory Address – 1051h]
Bit #
7
65
43
21
0
P051
—
—
SCI SW
RESET
CLOCK
ENABLE
TXWAKE
SLEEP
TXENA
RXENA
RW – 0
RW – 0
RS – 0
RW – 0
RW – 0
RW – 0
R = read, W = write, S = set only, –
n = value of the bit after the register is reset
Bit 0
RXENA (SCI receive enable)
When this bit is set, received characters are transferred into RXBUF, and the RXRDY flag is set.
When cleared, this bit prevents received characters from being transferred into the receiver buffer
(RXBUF), and no receiver interrupts are generated. However, the receiver shift register continues
to assemble characters. As a result, if RXENA is set during the reception of a character, the
complete character is transferred into RXBUF.
0 = Disables SCI receiver
1 = Enables SCI receiver
Bit 1
TXENA (SCI transmit enable)
Data transmission through the SCITXD pin occurs only when this bit is set. If this bit is reset, the
transmission is not halted until all the data previously written to TXBUF has been sent.
0 = Disables SCI transmitter
1 = Enables SCI transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com