Electronic Components Datasheet Search
  English  ▼

X  

TPA102 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA102
Description  150-mW STEREO AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA102 Datasheet HTML 9Page - Texas Instruments TPA102 Datasheet HTML 10Page - Texas Instruments TPA102 Datasheet HTML 11Page - Texas Instruments TPA102 Datasheet HTML 12Page - Texas Instruments TPA102 Datasheet HTML 13Page - Texas Instruments TPA102 Datasheet HTML 14Page - Texas Instruments TPA102 Datasheet HTML 15Page - Texas Instruments TPA102 Datasheet HTML 16Page - Texas Instruments TPA102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPA102
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS213C – AUGUST 1998 – REVISED MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 31
RL – Load Resistance – Ω
OUTPUT POWER
vs
LOAD RESISTANCE
100
40
0
16
32
80
60
20
24
40
64
120
8
48
56
THD+N = 1 %
VDD = 3.3 V
AV = –1 V/V
Figure 32
OUTPUT POWER
vs
LOAD RESISTANCE
250
100
0
16
32
200
150
50
24
40
64
300
8
48
56
THD+N = 1 %
VDD = 5 V
AV = –1 V/V
RL – Load Resistance – Ω
Figure 33
VDD – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
1
0.6
0.2
34
0.8
0.4
0
3.5
4.5
1.4
2.5
5
5.5
1.2
Figure 34
20
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
f – Frequency – Hz
1
0.1
0.01
0.001
100
1k
10k
20k
VI = 1 V
AV = –1 V/V
RL = 10 kΩ
CB = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com