Electronic Components Datasheet Search
  English  ▼

X  

TPA102 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA102
Description  150-mW STEREO AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA102 Datasheet HTML 15Page - Texas Instruments TPA102 Datasheet HTML 16Page - Texas Instruments TPA102 Datasheet HTML 17Page - Texas Instruments TPA102 Datasheet HTML 18Page - Texas Instruments TPA102 Datasheet HTML 19Page - Texas Instruments TPA102 Datasheet HTML 20Page - Texas Instruments TPA102 Datasheet HTML 21Page - Texas Instruments TPA102 Datasheet HTML 22Page - Texas Instruments TPA102 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TPA102
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS213C – AUGUST 1998 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 1. Common Load Impedances Vs Low Frequency Output Characteristics in SE Mode
RL
CC
Lowest Frequency
32
Ω
68
µF
73 Hz
10,000
Ω
68
µF
0.23 Hz
47,000
Ω
68
µF
0.05 Hz
As Table 1 indicates, headphone response is adequate and drive into line level inputs (a home stereo for
example) is very good.
The output coupling capacitor required in single-supply SE mode also places additional constraints on the
selection of other components in the amplifier circuit. With the rules described earlier still valid, add the following
relationship:
(8)
1
C
B
160 k
Ω
v
1
C
I RI
1
R
LCC
using low-ESR capacitors
Low-ESR capacitors are recommended throughout this application. A real capacitor can be modeled simply as
a resistor in series with an ideal capacitor. The voltage drop across this resistor minimizes the beneficial effects
of the capacitor in the circuit. The lower the equivalent value of this resistance, the more the real capacitor
behaves like an ideal capacitor.
5-V versus 3.3-V operation
The TPA102 was designed for operation over a supply range of 2.5 V to 5.5 V. This data sheet provides full
specifications for 5-V and 3.3-V operation since these are considered to be the two most common standard
voltages. There are no special considerations for 3.3-V versus 5-V operation as far as supply bypassing, gain
setting, or stability. Supply current is slightly reduced from 3.5 mA (typical) to 2.5 mA (typical). The most
important consideration is that of output power. Each amplifier in the TPA102 can produce a maximum voltage
swing of VDD – 1 V. This means, for 3.3-V operation, clipping starts to occur when VO(PP) = 2.3 V as opposed
when VO(PP) = 4 V while operating at 5 V. The reduced voltage swing subsequently reduces maximum output
power into the load before distortion begins to become significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com