Electronic Components Datasheet Search
  English  ▼

X  

TPA102 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPA102
Description  150-mW STEREO AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA102 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA102 Datasheet HTML 14Page - Texas Instruments TPA102 Datasheet HTML 15Page - Texas Instruments TPA102 Datasheet HTML 16Page - Texas Instruments TPA102 Datasheet HTML 17Page - Texas Instruments TPA102 Datasheet HTML 18Page - Texas Instruments TPA102 Datasheet HTML 19Page - Texas Instruments TPA102 Datasheet HTML 20Page - Texas Instruments TPA102 Datasheet HTML 21Page - Texas Instruments TPA102 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
TPA102
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS213C – AUGUST 1998 – REVISED MARCH 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 45
0
POWER DISSIPATION/AMPLIFIER
vs
OUTPUT POWER
Load Power – mW
80
40
20
0
80
120
180
200
10
30
50
140
100
20
60
40
160
60
70
VDD = 3.3 V
8
Ω
16
Ω
64
Ω
32
Ω
Figure 46
0
POWER DISSIPATION/AMPLIFIER
vs
OUTPUT POWER
Load Power – mW
180
100
60
0
80
120
180
200
40
80
120
140
100
20
60
40
160
140
160
VDD = 5 V
8
Ω
16
Ω
64
Ω
32
Ω
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com