Electronic Components Datasheet Search
  English  ▼

X  

TPIC0107 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC0107
Description  PWM CONTROL INTELLIGENT H-BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC0107 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC0107 Datasheet HTML 1Page - Texas Instruments TPIC0107 Datasheet HTML 2Page - Texas Instruments TPIC0107 Datasheet HTML 3Page - Texas Instruments TPIC0107 Datasheet HTML 4Page - Texas Instruments TPIC0107 Datasheet HTML 5Page - Texas Instruments TPIC0107 Datasheet HTML 6Page - Texas Instruments TPIC0107 Datasheet HTML 7Page - Texas Instruments TPIC0107 Datasheet HTML 8Page - Texas Instruments TPIC0107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TPIC0107B
PWM CONTROL INTELLIGENT H-BRIDGE
SLIS067 – NOVEMBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating case temperature range and VCC = 5 V to
6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LSD
TJ = 25°C
550
m
Ω
rDS( )
Static drain-source on-resistance (per transistor)
LSD
TJ = 150°C
850
m
Ω
rDS(on)
()
I(BR) = 1 A
HSD
TJ = 25°C
600
m
Ω
HSD
TJ = 150°C
870
m
Ω
I(QCD)
Open circuit detection current
10
40
100
mA
V(UVCC(OFF))
Under voltage detection on VCC, switch off voltage
See Note 1
5
V
V(UVCC(ON))
Under voltage detection on VCC, switch on voltage
See Note 1
5.2
V
V(STL)
STATUS low output voltage
IO = 100 µA, See Note 1
0.8
V
V(ST2H)
STATUS2 high output voltage
IO = 20 µA, See Note 1
3
5.4
V
I(ST(OFF))
STATUS output leakage current
V(ST) = 5 V, See Note 1
5
µA
VIL
Low level logic input voltage
–0.3
0.5
V
VIH
High level logic input voltage
3.6
7
V
∆VI
Hysteresis of input voltage
0.3
V
IIH
High level logic input current
VIH = 3.5 V
2
10
50
µA
NOTE 1: The device functions according to the function table for VCC between V(UVCC) and 5 V (no parameters specified). STATUS outputs are
not defined for VCC less than V(UVCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com