Electronic Components Datasheet Search
  English  ▼

X  

TPIC0107 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPIC0107
Description  PWM CONTROL INTELLIGENT H-BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC0107 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC0107 Datasheet HTML 5Page - Texas Instruments TPIC0107 Datasheet HTML 6Page - Texas Instruments TPIC0107 Datasheet HTML 7Page - Texas Instruments TPIC0107 Datasheet HTML 8Page - Texas Instruments TPIC0107 Datasheet HTML 9Page - Texas Instruments TPIC0107 Datasheet HTML 10Page - Texas Instruments TPIC0107 Datasheet HTML 11Page - Texas Instruments TPIC0107 Datasheet HTML 12Page - Texas Instruments TPIC0107 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TPIC0107B
PWM CONTROL INTELLIGENT H-BRIDGE
SLIS067 – NOVEMBER 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
protective functions and diagnostics†
over current/short circuit‡
The TPIC0107B detects shorts to VCC, ground, or across the load being driven, by comparing the VDS voltage
drop across the DMOS outputs against the threshold voltage. The DMOS outputs of the TPIC0107B will be
disabled and the fault flags will be generated 10
µs after an over-current or short-circuit fault is detected. This
10
µs delay is long enough to serve as a de-glitch filter for high current transients, yet short enough to prevent
damage to the DMOS outputs. The DMOS outputs remain latched off until either DIR or PWM input is toggled.
In cases where the outputs have a continuous short-to-ground with a current rise time faster than 0.5 A/
µs, the
over-current shutdown threshold will decrease to 3 A to reduce power dissipation. This reduction to 3 A is
achieved since the DMOS outputs will not be fully enhanced when the over-current threshold is reached if the
current rise time exceeds 0.5 A/
µs. Over-current and/or short-circuit protection is provided up to VCC = 16.5 V
and a junction temperature of 90
°C.
over temperature
The TPIC0107B disables all DMOS outputs and the fault flags will be set when TJ ≥140°C (min.). The DMOS
outputs remain latched off until either DIR or PWM input is toggled.
under voltage
The TPIC0107B disables all DMOS outputs when VCC ≤V(UVCC). The outputs will be re-enabled when
VCC ≥V(UVCC). No fault flags are set when under-voltage lockout occurs.
over voltage
In order to protect the DMOS outputs from damage caused by excessive supply voltage, the TPIC0107B
disables all outputs when VCC ≥V(OVCC). Once VCC ≤V(OVCC), either DIR or PWM input must be toggled to
re-enable the DMOS outputs.
cross conduction
Monitoring circuitry for each transistor detects whether the particular transistor is active to prevent the HSD or
LSD of the corresponding half H-bridge from conducting.
open circuit
During operation, the bridge current is controlled continuously. If the bridge current is >10 mA (min.) for a period
>1 ms (min.), the fault flags are set. However, the output transistors will not be disabled.
† All limits mentioned are typical values unless otherwise noted.
‡ If a short circuit occurs (i.e., the over-current detection circuitry is activated) at a supply voltage higher than 16.5 V and a junction temperature
higher than 90
°C, damage to the device may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com