Electronic Components Datasheet Search
  English  ▼

X  

TPIC0107 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC0107
Description  PWM CONTROL INTELLIGENT H-BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC0107 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC0107 Datasheet HTML 1Page - Texas Instruments TPIC0107 Datasheet HTML 2Page - Texas Instruments TPIC0107 Datasheet HTML 3Page - Texas Instruments TPIC0107 Datasheet HTML 4Page - Texas Instruments TPIC0107 Datasheet HTML 5Page - Texas Instruments TPIC0107 Datasheet HTML 6Page - Texas Instruments TPIC0107 Datasheet HTML 7Page - Texas Instruments TPIC0107 Datasheet HTML 8Page - Texas Instruments TPIC0107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TPIC0107B
PWM CONTROL INTELLIGENT H-BRIDGE
SLIS067 – NOVEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Dedicated PWM Input Port
D Optimized for Reversible Operation of
Motors
D Two Input Control Lines for Reduced
Microcontroller Overhead
D Internal Current Shutdown of 5 A
D 40 V Load Dump Rating
D Integrated Fault Protection and Diagnostics
D CMOS Compatible Schmitt Trigger Inputs
for High Noise Immunity
description
The TPIC0107B is a PWM control intelligent H-bridge designed specifically for dc motor applications. The
device provides forward, reverse, and brake modes of operation. A logic supply voltage of 5 V is internally
derived from VCC.
The TPIC0107B has an extremely low rDS(on), 280 mΩ typical, to minimize system power dissipation. The
direction control (DIR) and PWM control (PWM) inputs greatly simplify the microcontroller overhead
requirement. The PWM input can be driven from a dedicated PWM port while the DIR input is driven as a simple
low speed toggle.
The TPIC0107B provides protection against over-voltage, over-current, over-temperature, and cross
conduction faults. Fault diagnostics can be obtained by monitoring the STATUS1 and STATUS2 terminals and
the two input control lines. STATUS1 is an open-drain output suitable for wired-or connection. STATUS2 is a
push-pull output that provides a latched status output. Under-voltage protection ensures that the outputs, OUT1
and OUT2, will be disabled when VCC is less than the under-voltage detection voltage V(UVCC).
The TPIC0107B is designed using TI’s LinBiCMOS
™ process. LinBiCMOS allows the integration of low power
CMOS structures, precision bipolar cells, and low impedance DMOS transistors.
The TPIC0107B is offered in a 20-pin thermally enhanced small-outline package (DWP) and is characterized
for operation over the operating case temperature of –40
°C to 125°C.
FUNCTION TABLE
DIR
PWM
OUT1
OUT2
MODE
0
0
HS
HS
Brake, both HSDs turned on hard
0
1
HS
LS
Motor turns counter clockwise
1
0
HS
HS
Brake, both HSDs turned on hard
1
1
LS
HS
Motor turns clockwise
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments Incorporated.
Copyright
© 1998, Texas Instruments Incorporated
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GNDS
VCC
DIR
VCC
OUT1
OUT1
GND
PWM
GND
GNDS
GNDS
VCC
STATUS2
VCC
OUT2
OUT2
GND
STATUS1
GND
GNDS
DWP PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPIC0107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0107B TI1-TPIC0107B Datasheet
289Kb / 15P
PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107BDWP TI1-TPIC0107BDWP Datasheet
289Kb / 15P
PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107BDWPG4 TI1-TPIC0107BDWPG4 Datasheet
289Kb / 15P
PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107BDWPRG4 TI1-TPIC0107BDWPRG4 Datasheet
289Kb / 15P
PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B_10 Datasheet
289Kb / 15P
PWM CONTROL INTELLIGENT H-BRIDGE
More results

Similar Description - TPIC0107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0108B TI-TPIC0108B Datasheet
205Kb / 14P
PWM CONTROL INTELLIGENT H-BRIDGE
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
5.0 A Throttle Control H-Bridge
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
4ch PWM H-bridge Driver
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
5.0 A Throttle Control H-bridge
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
Dual H-Bridge PWM Gate Driver
TPIC0107B TI1-TPIC0107B_10 Datasheet
289Kb / 15P
PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0108B TI1-TPIC0108B_11 Datasheet
295Kb / 15P
PWM CONTROL INTELLIGENT H-BRIDGE
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com