Electronic Components Datasheet Search
  English  ▼

X  

TPIC1504 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC1504
Description  QUAD AND HEX POWER DMOS ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1504 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC1504 Datasheet HTML 3Page - Texas Instruments TPIC1504 Datasheet HTML 4Page - Texas Instruments TPIC1504 Datasheet HTML 5Page - Texas Instruments TPIC1504 Datasheet HTML 6Page - Texas Instruments TPIC1504 Datasheet HTML 7Page - Texas Instruments TPIC1504 Datasheet HTML 8Page - Texas Instruments TPIC1504 Datasheet HTML 9Page - Texas Instruments TPIC1504 Datasheet HTML 10Page - Texas Instruments TPIC1504 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TPIC1504
QUAD AND HEX POWER DMOS ARRAY
SLIS057 – OCTOBER 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
† IRM = maximum recovery current
Reverse di/dt = 100 A/
µs
IRM†
trr(SD)
Time – ns
0
20
40
60
80
100
10
30
50
70
90
Shaded Area = QRR
1
0.5
0
– 0.5
– 1
– 1.5
– 2
1.5
2
VDS = 14 V
VGS = 0
TJ = 25°C
Q3A, Q4A, and Q5A
Figure 2. Reverse-Recovery-Current Waveform of Source-to-Drain Diodes
Pulse Generator
50
Ω
Rgen
50
Ω
VGS
VDD = 14 V
DUT
VDS
TEST CIRCUIT
VDD
VDS(on)
tf
td(on)
tr
td(off)
VOLTAGE WAVEFORMS
VGS
VDS
RL
CL 30 pF
(see Note A)
tdis
ten
10 V
0 V
NOTE A: CL includes probe and jig capacitance.
Figure 3. Resistive-Switching Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com