Electronic Components Datasheet Search
  English  ▼

X  

TPIC1504 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPIC1504
Description  QUAD AND HEX POWER DMOS ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1504 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC1504 Datasheet HTML 5Page - Texas Instruments TPIC1504 Datasheet HTML 6Page - Texas Instruments TPIC1504 Datasheet HTML 7Page - Texas Instruments TPIC1504 Datasheet HTML 8Page - Texas Instruments TPIC1504 Datasheet HTML 9Page - Texas Instruments TPIC1504 Datasheet HTML 10Page - Texas Instruments TPIC1504 Datasheet HTML 11Page - Texas Instruments TPIC1504 Datasheet HTML 12Page - Texas Instruments TPIC1504 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TPIC1504
QUAD AND HEX POWER DMOS ARRAY
SLIS057 – OCTOBER 1996
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0.345
0.138
0
– 40 – 20
0
20
40
60
80
100 120
0.276
0.207
0.069
0.483
160
Figure 7
VGS = 10 V
VGS = 15 V
VGS = 12 V
ID =1.5 A
Q1A, Q1B, Q2A, Q2B
140
0.414
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0.275
0.166
0.083
0
– 40 – 20
0
20
40
60
80 100 120
160
0.221
0.138
0.028
0.193
0.110
0.055
Figure 8
ID = 2 A
Q3A, Q3B, Q4A, Q4B, Q5A, Q5B
VGS = 10 V
VGS = 15 V
VGS = 12 V
140
0.248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com