Electronic Components Datasheet Search
  English  ▼

X  

TPIC2701 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC2701
Description  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2701 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC2701 Datasheet HTML 1Page - Texas Instruments TPIC2701 Datasheet HTML 2Page - Texas Instruments TPIC2701 Datasheet HTML 3Page - Texas Instruments TPIC2701 Datasheet HTML 4Page - Texas Instruments TPIC2701 Datasheet HTML 5Page - Texas Instruments TPIC2701 Datasheet HTML 6Page - Texas Instruments TPIC2701 Datasheet HTML 7Page - Texas Instruments TPIC2701 Datasheet HTML 8Page - Texas Instruments TPIC2701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A – SEPTEMBER 1992 – REVISED SEPTEMBER 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
clamp diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
TPIC2701
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward on-voltage
IF = 0.5 A
1
1.5
V
VBR
Breakdown voltage
IR = 1 µA
60
V
IR
Reverse leakage current
VR = 48 V
0.05
1
µA
trr(CD) Reverse-recovery time
IF = 0.1 A,
di/dt = 25 A/
µs,
90
ns
QRR
Total source-drain diode charge
F
VCD = 48 V,
µ
See Figure 1
100
nC
clamp diode characteristics over operating case temperature range (unless otherwise noted)
(see Note 4)
PARAMETER
TEST CONDITIONS
TPIC2701M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward voltage
IF = 0.5 A
1
1.5
V
V(BR)
Breakdown voltage
IR = 1 µA,
TC = 25°C
60
V
V(BR)
Breakdown voltage
IR = 1 mA
60
V
IR
Reverse leakage current
VR =48V
TC = 25°C
0.05
1
µA
IR
Reverse leakage current
VR = 48 V
10
µA
trr(SD) Reverse recovery time, source-to-drain
IF = 0.1 A,
di/dt = 25 A /
µs,
TC = 25°C
90
ns
QRR
Total source-to-drain diode charge
F
VCD = 48 V,
µ
C
See Figure 1
100
nC
NOTE 4: Pulse testing techniques are used to maintain the virtual junction temperature as close to the case temperature as possible. Thermal
effects must be taken into account separately.
resistive-load switching characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
TPIC2701
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
10
td(off)
Turn-off delay time
VDD = 25 V,
RL = 100 Ω,ten = 10 ns,
30
ns
tr
Rise time
DD
,
tdis = 10 ns,
L
,
See Figure 2
en
,
15
ns
tf
Fall time
5
Qg
Total gate charge
V48 V
I
0 25 A
V10 V
2.8
3.6
Qgs
Gate-source charge
VDS = 48 V,
See Figure 3
ID = 0.25 A,
VGS = 10 V,
1.6
2
nC
Qgd
Gate-drain charge
See Figure 3
1.2
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com