Electronic Components Datasheet Search
  English  ▼

X  

TPIC2701 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC2701
Description  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2701 Datasheet(HTML) 3 Page - Texas Instruments

  TPIC2701 Datasheet HTML 1Page - Texas Instruments TPIC2701 Datasheet HTML 2Page - Texas Instruments TPIC2701 Datasheet HTML 3Page - Texas Instruments TPIC2701 Datasheet HTML 4Page - Texas Instruments TPIC2701 Datasheet HTML 5Page - Texas Instruments TPIC2701 Datasheet HTML 6Page - Texas Instruments TPIC2701 Datasheet HTML 7Page - Texas Instruments TPIC2701 Datasheet HTML 8Page - Texas Instruments TPIC2701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A – SEPTEMBER 1992 – REVISED SEPTEMBER 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over case temperature operating range (unless otherwise noted)
(see Note 4)
PARAMETER
TEST CONDITIONS
TC†
TPIC2701M
UNIT
PARAMETER
TEST CONDITIONS
TC†
MIN
TYP
MAX
UNIT
V(BR)DS Drain to source breakdown voltage
ID = 1 µA,
VGS = 0
25
°C
60
V
V(BR)DS Drain-to-source breakdown voltage
ID = 1 mA,
VGS = 0
Full range
60
V
VTGS
Gate-to-source input threshold voltage
ID = 1 mA,
VDS = VGS
Full range
1.2
1.75
2.4
V
VDS( )
Drain to source on state voltage
ID =0 5A
VGS =15V
25
°C
0.25
0.45
V
VDS(on)
Drain-to-source on-state voltage
ID = 0.5 A,
VGS = 15 V
Full range
0.65
V
IDSS
Zero gate voltage drain current
VDS =48V
VGS =0
25
°C
0.05
1
µA
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
VGS = 0
Full range
10
µA
IGSSF
Forward gate current, drain short-circuited to
VGS =20V
VDS =0
25
°C
10
100
nA
IGSSF
g,
source
VGS = 20 V,
VDS = 0
Full range
10
µA
IGSSR
Reverse gate current, drain short-circuited to
VGS =20 V VDS =0
25
°C
10
100
nA
IGSSR
g,
source
VGS = – 20 V, VDS = 0
Full range
10
µA
rDS( )
Forward drain source on state resistance
VGS =15V
ID =0 5A
25
°C
0.5
0.9
Ω
rDS(on)
Forward drain-source on-state resistance
VGS = 15 V,
ID = 0.5 A
Full range
1.3
Ω
g
fs
Forward transconductance
VDS = 15 V,
ID = 0.5 A
25
°C
0.8
S
Ciss
Short-circuit input capacitance, common source
105
Coss
Short-circuit output capacitance, common source
VDS = 25 V,
VGS = 0,
Full range
65
pF
Crss
Short-circuit reverse transfer capacitance,
common source
f = 300 kHz
Full range
15
F
† Full range is – 55
°C to 125°C.
NOTE 4: Pulse testing techniques are used to maintain the virtual junction temperature as close to the case temperature as possible. Thermal
effects must be taken into account separately.
source-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
TPIC2701
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSD
Forward On voltage
IS = 0.5 A,
VGS = 0
0.9
1.4
V
trr(SD) Reverse-recovery time
IS = 0.5 A,
VGS = 0,
VDS = 48 V,
165
ns
QRR
Total source-drain diode charge
SGS
di/dt = 25 A/
µs,
DS
See Figure 1
250
nC
source-to-drain diode characteristics over operating case temperature range (unless otherwise
noted) (see Note 4)
PARAMETER
TEST CONDITIONS
TPIC2701M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSD
Forward On voltage
IS = 0.5 A,
VGS = 0
0.9
1.4
V
trr
Reverse recovery time
IS = 0.5 A,
VGS = 0,
VDS = 48 V,
165
ns
QRR
Total source-to-drain diode charge
SGS
di/dt = 25 A /
µs,
TC = 25°C,
DS
See Figure 1
250
nC
NOTE 4: Pulse testing techniques are used to maintain the virtual junction temperature as close to the case temperature as possible. Thermal
effects must be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com