Electronic Components Datasheet Search
  English  ▼

X  

TPIC2701 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC2701
Description  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2701 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC2701 Datasheet HTML 1Page - Texas Instruments TPIC2701 Datasheet HTML 2Page - Texas Instruments TPIC2701 Datasheet HTML 3Page - Texas Instruments TPIC2701 Datasheet HTML 4Page - Texas Instruments TPIC2701 Datasheet HTML 5Page - Texas Instruments TPIC2701 Datasheet HTML 6Page - Texas Instruments TPIC2701 Datasheet HTML 7Page - Texas Instruments TPIC2701 Datasheet HTML 8Page - Texas Instruments TPIC2701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A – SEPTEMBER 1992 – REVISED SEPTEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Seven 0.5-A Independent Output Channels
D Integrated Clamp Diode With Each Output
D Low rDS(on) . . . 0.5 Ω Typical
D Output Voltage . . . 60 V
D Pulsed Current...3 A Per Channel
D Avalanche Energy...22 mJ
description
The TPIC2701 is a monolithic power DMOS
transistor array that consists of seven indepen-
dent
N-channel
enhancement-mode
DMOS
transistors
connected
in
a
common-source
configuration with open drains. The TPIC2701 is
pin-for-pin functionally compatible with the Texas
Instruments ULN2001A through ULN2004A.
The TPIC2701 is characterized for operation over
a temperature range of 0
°C to 125°C.The
TPIC2701M is characterized for operation over
the full military temperature range of – 55
°C to
125
°C.
logic diagram
CLAMP
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
GATE1
GATE2
GATE3
GATE4
GATE5
GATE6
GATE7
1
2
3
4
5
6
7
SOURCE
8
9
16
15
14
13
12
11
10
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GATE1
GATE2
GATE3
GATE4
GATE5
GATE6
GATE7
SOURCE
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
CLAMP
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GATE1
GATE2
GATE3
NC
NC
GATE4
GATE5
NC
GATE6
GATE7
SOURCE
SOURCE
DRAIN1
DRAIN2
DRAIN3
NC
NC
DRAIN4
DRAIN5
NC
DRAIN6
DRAIN7
CLAMP
SOURCE
TPIC2701M
J PACKAGE†
(TOP VIEW)
NC – No internal connection
TPIC2701
N PACKAGE
(TOP VIEW)
† Refer to the mechanical data for the JW package.


Similar Part No. - TPIC2701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2701 TI1-TPIC2701 Datasheet
342Kb / 18P
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701MJB TI1-TPIC2701MJB Datasheet
342Kb / 18P
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701N TI1-TPIC2701N Datasheet
342Kb / 18P
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

Similar Description - TPIC2701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com