Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C596N
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6C596N Datasheet(HTML) 4 Page - Texas Instruments

  TPIC6C596N Datasheet HTML 1Page - Texas Instruments TPIC6C596N Datasheet HTML 2Page - Texas Instruments TPIC6C596N Datasheet HTML 3Page - Texas Instruments TPIC6C596N Datasheet HTML 4Page - Texas Instruments TPIC6C596N Datasheet HTML 5Page - Texas Instruments TPIC6C596N Datasheet HTML 6Page - Texas Instruments TPIC6C596N Datasheet HTML 7Page - Texas Instruments TPIC6C596N Datasheet HTML 8Page - Texas Instruments TPIC6C596N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TPIC6C596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS093 – MARCH 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Logic supply voltage, VCC
4.5
5.5
V
High-level input voltage, VIH
0.85 VCC
V
Low-level input voltage, VIL
0.15 VCC
V
Pulsed drain output current, TC = 25°C, VCC = 5 V, all outputs on (see Notes 3 and 5 and Figure 11)
250
mA
Setup time, SER IN high before SRCK
↑, tsu (see Figure 2)
15
ns
Hold time, SER IN high after SRCK
↑, th (see Figure 2)
15
ns
Pulse duration, tw (see Figure 2)
40
ns
Operating case temperature, TC
–40
125
°C
NOTES:
3. Pulse duration
≤ 100 µs and duty cycle ≤ 2%.
5. Technique should limit TJ – TC to 10°C maximum.
electrical characteristics, VCC = 5 V, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX Drain-to-source breakdown voltage
ID = 1 mA
33
37
V
VSD
Source-to-drain diode forward voltage
IF = 100 mA
0.85
1.2
V
VOH
High level output voltage SER OUT
IOH = – 20 µA,
VCC = 4.5 V
4.4
4.49
V
VOH
High-level output voltage, SER OUT
IOH = – 4 mA,
VCC = 4.5 V
4
4.2
V
VOL
Low level output voltage SER OUT
IOL = 20 µA,
VCC = 4.5 V
0.005
0.1
V
VOL
Low-level output voltage, SER OUT
IOL = 4 mA,
VCC = 4.5 V
0.3
0.5
V
IIH
High-level input current
VCC = 5.5 V,
VI = VCC
1
µA
IIL
Low-level input current
VCC = 5.5 V,
VI = 0
–1
µA
ICC
Logic supply current
VCC =5 5V
All outputs off
20
200
µA
ICC
Logic supply current
VCC = 5.5 V
All outputs on
150
500
µA
ICC(FRQ)
Logic supply current at frequency
fSRCK = 5 MHz,
All outputs off,
CL = 30 pF,
See Figures 2 and 6
1.2
5
mA
IN
Nominal current
VDS(on) = 0.5 V,
TC = 85°C,
IN = ID,
See Notes 5, 6 and 7
90
mA
VDS = 30 V,
VCC = 5.5 V
0.1
5
IDSX
Off-state drain current
VDS = 30 V,
TC = 125°C
VCC = 5.5 V,
0.15
8
µA
ID = 50 mA,
VCC = 4.5 V
6.5
9
rDS(on)
Static drain-source on-state resistance
ID = 50 mA,
TC = 125°C,
VCC = 4.5 V
See Notes 5 and 6
and Figures 7 and 8
9.9
12
Ω
ID = 100 mA,
VCC = 4.5 V
6.8
10
NOTES:
5. Technique should limit TJ – TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
7. Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage drop of 0.5 V at TC = 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com