Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596N Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C596N
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6C596N Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC6C596N Datasheet HTML 3Page - Texas Instruments TPIC6C596N Datasheet HTML 4Page - Texas Instruments TPIC6C596N Datasheet HTML 5Page - Texas Instruments TPIC6C596N Datasheet HTML 6Page - Texas Instruments TPIC6C596N Datasheet HTML 7Page - Texas Instruments TPIC6C596N Datasheet HTML 8Page - Texas Instruments TPIC6C596N Datasheet HTML 9Page - Texas Instruments TPIC6C596N Datasheet HTML 10Page - Texas Instruments TPIC6C596N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TPIC6C596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS093 – MARCH 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0.1 A
IF
0
IRM
25% of IRM
ta
trr
di/dt = 10 A/
µs
+
–
2500
µF
250 V
L = 0.85 mH
IF
(see Note A)
RG
VGG
(see Note B)
Driver
TP A
50
Ω
Circuit
Under
Test
DRAIN
15 V
t1
t3
t2
TP K
TEST CIRCUIT
CURRENT WAVEFORM
NOTES: A. The DRAIN terminal under test is connected to the TP K test point. All other terminals are connected together and connected to the
TP A test point.
B. The VGG amplitude and RG are adjusted for di/dt = 10 A/µs. A VGG double-pulse train is used to set IF = 0.1 A, where t1 = 10 µs,
t2 = 7 µs, and t3 = 3 µs.
Figure 3. Reverse-Recovery-Current Test Circuit and Waveforms of Source-to-Drain Diode
15 V
30
Ω
1.5 H
SINGLE-PULSE AVALANCHE ENERGY TEST CIRCUIT
tw
tav
IAS = 200 mA
V(BR)DSX = 33 V
VOLTAGE AND CURRENT WAVEFORMS
Input
ID
VDS
See Note B
VCC
DRAIN
CLR
SER IN
G
SRCK
RCK
Word
Generator
(see Note A)
DUT
GND
5 V
VDS
ID
1
7
15
2
10
8
16
3–6,
11 –14
5 V
0 V
MIN
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω.
B. Input pulse duration, tw, is increased until peak current IAS = 200 mA.
Energy test level is defined as EAS = IAS × V(BR)DSX × tav/2 = 30 mJ.
Figure 4. Single-Pulse Avalanche Energy Test Circuit and Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com