Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C596N
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6C596N Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC6C596N Datasheet HTML 4Page - Texas Instruments TPIC6C596N Datasheet HTML 5Page - Texas Instruments TPIC6C596N Datasheet HTML 6Page - Texas Instruments TPIC6C596N Datasheet HTML 7Page - Texas Instruments TPIC6C596N Datasheet HTML 8Page - Texas Instruments TPIC6C596N Datasheet HTML 9Page - Texas Instruments TPIC6C596N Datasheet HTML 10Page - Texas Instruments TPIC6C596N Datasheet HTML 11Page - Texas Instruments TPIC6C596N Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TPIC6C596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS093 – MARCH 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
0.2
0.1
1
0.4
0.1
0.2
1
0.4
2
10
4
0.02
0.01
0.04
PEAK AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
tav – Time Duration of Avalanche – ms
TC = 25°C
3
2
1
0
4
5
6
Figure 6
SUPPLY CURRENT
vs
FREQUENCY
f – Frequency – MHz
0.1
1
10
100
VCC = 5 V
TC = – 40°C to 125°C
Figure 7
DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
ID – Drain Current – mA
10
5
0
50
70
90
110
130
15
20
25
150
170
190
VCC = 5 V
See Note A
TC = 25°C
TC = – 40°C
TC = 125°C
250
30
Figure 8
VCC – Logic Supply Voltage – V
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
LOGIC SUPPLY VOLTAGE
6
4
2
0
4
4.5
5
5.5
8
10
12
6
6.5
7
TC = 125°C
TC = 25°C
TC = – 40°C
ID = 50 mA
See Note A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com