Electronic Components Datasheet Search
  English  ▼

X  

TPS2205DF Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS2205DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2205DF Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS2205DF Datasheet HTML 18Page - Texas Instruments TPS2205DF Datasheet HTML 19Page - Texas Instruments TPS2205DF Datasheet HTML 20Page - Texas Instruments TPS2205DF Datasheet HTML 21Page - Texas Instruments TPS2205DF Datasheet HTML 22Page - Texas Instruments TPS2205DF Datasheet HTML 23Page - Texas Instruments TPS2205DF Datasheet HTML 24Page - Texas Instruments TPS2205DF Datasheet HTML 25Page - Texas Instruments TPS2205DF Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TPS2205
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS128D OCTOBER 1995 – REVISED JUNE 1998
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TPS2205 control logic
AVPP
CONTROL SIGNALS
INTERNAL SWITCH SETTINGS
OUTPUT
D8 SHDN
D0 A_VPP_PGM
D1 A_VPP_VCC
S7
S8
S9
VAVPP
1
0
0
CLOSED
OPEN
OPEN
0 V
1
0
1
OPEN
CLOSED
OPEN
VCC†
1
1
0
OPEN
OPEN
CLOSED
VPP(12 V)
1
1
1
OPEN
OPEN
OPEN
Hi-Z
0
X
X
OPEN
OPEN
OPEN
Hi-Z
BVPP
CONTROL SIGNALS
INTERNAL SWITCH SETTINGS
OUTPUT
D8 SHDN
D4 B_VPP_PGM
D5 B_VPP_VCC
S10
S11
S12
VBVPP
1
0
0
CLOSED
OPEN
OPEN
0 V
1
0
1
OPEN
CLOSED
OPEN
VCC‡
1
1
0
OPEN
OPEN
CLOSED
VPP(12 V)
1
1
1
OPEN
OPEN
OPEN
Hi-Z
0
X
X
OPEN
OPEN
OPEN
Hi-Z
AVCC
CONTROL SIGNALS
INTERNAL SWITCH SETTINGS
OUTPUT
D8 SHDN
D3 A_VCC3
D2 A_VCC5
S1
S2
S3
VAVCC
1
0
0
CLOSED
OPEN
OPEN
0 V
1
0
1
OPEN
CLOSED
OPEN
3.3 V
1
1
0
OPEN
OPEN
CLOSED
5 V
1
1
1
CLOSED
OPEN
OPEN
0 V
0
X
X
OPEN
OPEN
OPEN
Hi-Z
BVCC
CONTROL SIGNALS
INTERNAL SWITCH SETTINGS
OUTPUT
D8 SHDN
D6 B_VCC3
D7 B_VCC5
S4
S5
S6
VBVCC
1
0
0
CLOSED
OPEN
OPEN
0 V
1
0
1
OPEN
CLOSED
OPEN
3.3 V
1
1
0
OPEN
OPEN
CLOSED
5 V
1
1
1
CLOSED
OPEN
OPEN
0 V
0
X
X
OPEN
OPEN
OPEN
Hi-Z
† Output depends on AVCC
‡ Output depends on BVCC
ESD protection
All TPS2205 inputs and outputs incorporate ESD-protection circuitry designed to withstand a 2-kV
human-body-model discharge as defined in MIL-STD-883C, Method 3015. The VCC and Vpp outputs can be
exposed to potentially higher discharges from the external environment through the PC Card connector.
Bypassing the outputs with 0.1-
µF capacitors protects the devices from discharges up to 10 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com