Electronic Components Datasheet Search
  English  ▼

X  

TPS2205DF Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS2205DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2205DF Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS2205DF Datasheet HTML 20Page - Texas Instruments TPS2205DF Datasheet HTML 21Page - Texas Instruments TPS2205DF Datasheet HTML 22Page - Texas Instruments TPS2205DF Datasheet HTML 23Page - Texas Instruments TPS2205DF Datasheet HTML 24Page - Texas Instruments TPS2205DF Datasheet HTML 25Page - Texas Instruments TPS2205DF Datasheet HTML 26Page - Texas Instruments TPS2205DF Datasheet HTML 27Page - Texas Instruments TPS2205DF Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
TPS2205
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS128D OCTOBER 1995 – REVISED JUNE 1998
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
DF (R-PDSO-G30)
PLASTIC SMALL-OUTLINE PACKAGE
4040038 / B 02/95
Seating Plane
2,65 MAX
0,10 MIN
1
12,50
13,10
30
7,20
15
16
7,80
0,25
0,45
0,76
0,84
Gage Plane
10,00
0,15 NOM
10,80
0,25
0,10
0,80
M
0,12
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com