Electronic Components Datasheet Search
  English  ▼

X  

TPS2205DF Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS2205DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2205DF Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2205DF Datasheet HTML 20Page - Texas Instruments TPS2205DF Datasheet HTML 21Page - Texas Instruments TPS2205DF Datasheet HTML 22Page - Texas Instruments TPS2205DF Datasheet HTML 23Page - Texas Instruments TPS2205DF Datasheet HTML 24Page - Texas Instruments TPS2205DF Datasheet HTML 25Page - Texas Instruments TPS2205DF Datasheet HTML 26Page - Texas Instruments TPS2205DF Datasheet HTML 27Page - Texas Instruments TPS2205DF Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TPS2205
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS128D OCTOBER 1995 – REVISED JUNE 1998
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
12-V flash memory supply
The TPS6734 is a fixed 12-V output boost converter capable of delivering 120 mA from inputs as low as
2.7 V. The device is pin-for-pin compatible with the MAX734 regulator and offers the following advantages: lower
supply current, wider operating input-voltage range, and higher output currents. As shown in Figure 1, the only
external components required are: an inductor, a Schottky rectifier, an output filter capacitor, an input filter
capacitor, and a small capacitor for loop compensation. The entire converter occupies less than 0.7 in2 of PCB
space when implemented with surface-mount components. An enable input is provided to shut the converter
down and reduce the supply current to 3
µA when 12 V is not needed.
The TPS6734 is a 170-kHz current-mode PWM ( pulse-width modulation) controller with an n-channel MOSFET
power switch. Gate drive for the switch is derived from the 12-V output after start-up to minimize the die area
needed to realize the 0.7-
Ω MOSFET and improve efficiency at input voltages below 5 V. Soft start is
accomplished with the addition of one small capacitor. A 1.22-V reference (pin 2) is brought out for external use.
For additional information, see the TPS6734 data sheet (SLVS127).
VCC
FB
OUT
GND
EN
REF
SS
COMP
1
2
3
4
8
7
6
5
TPS6734
3.3 V or 5 V
ENABLE
(see Note A)
+
33
µF, 20 V
L1
18
µH
12 V
C5
D1
U1
C4 0.001
µF
+
C1
C2
0.01
µF
R1
10 k
Ω
33
µF, 20 V
A_VCC5
A_VCC3
A_VPP_VCC
A_VPP_PGM
B_VCC5
B_VCC3
B_VPP_VCC
B_VPP_PGM
AVCC
AVCC
AVCC
BVCC
BVCC
BVCC
AVPP
AVPP
BVPP
BVPP
3.3V
3.3 V
To CPU
OC
5V
5 V
GND
3.3V
5V
3.3V
5V
12V
12V
TPS2205
1
µF
1
µF
0.1
µF
0.1
µF
SHDN
NOTE A: The enable terminal can be tied to a generall purpose I/O terminal on the PCMCIA controller or tied high.
Figure 33. TPS2205 with TPS6734 12-V, 120-mA Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com