Electronic Components Datasheet Search
  English  ▼

X  

TPS2211IDBLE Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2211IDBLE
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211IDBLE Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2211IDBLE Datasheet HTML 8Page - Texas Instruments TPS2211IDBLE Datasheet HTML 9Page - Texas Instruments TPS2211IDBLE Datasheet HTML 10Page - Texas Instruments TPS2211IDBLE Datasheet HTML 11Page - Texas Instruments TPS2211IDBLE Datasheet HTML 12Page - Texas Instruments TPS2211IDBLE Datasheet HTML 13Page - Texas Instruments TPS2211IDBLE Datasheet HTML 14Page - Texas Instruments TPS2211IDBLE Datasheet HTML 15Page - Texas Instruments TPS2211IDBLE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TPS2211
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS156E – JULY 1997 – REVISED JANUARY 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
80
60
50
40
–50
–25
0
25
50
90
100
5-V VCC SWITCH
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
110
75
100
125
70
TJ – Junction Temperature – °C
VI(5V)
VI(AVCC) = 5 V
Figure 17
80
60
50
40
–50
–25
0
25
50
90
3.3-V VCC SWITCH
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
75
100
125
70
TJ – Junction Temperature – °C
VI(3.3V) = 3.3 V
VI(AVCC) = 3.3 V
Figure 18
1100
800
700
600
–50
–25
0
25
50
1200
12-V VPP SWITCH
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
75
100
125
900
TJ – Junction Temperature – °C
VI(5V) = 5 V
VI(AVPP) = 12 V
1000
Figure 19
125
°C
4.94
4.92
4.9
4.88
0
0.2
0.4
0.6
4.96
4.98
5-V VCC SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
5
0.8
1
IO(AVCC) – Output Current – A
85
°C
–40
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com