Electronic Components Datasheet Search
  English  ▼

X  

TPS2211IDBLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2211IDBLE
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211IDBLE Datasheet(HTML) 2 Page - Texas Instruments

  TPS2211IDBLE Datasheet HTML 1Page - Texas Instruments TPS2211IDBLE Datasheet HTML 2Page - Texas Instruments TPS2211IDBLE Datasheet HTML 3Page - Texas Instruments TPS2211IDBLE Datasheet HTML 4Page - Texas Instruments TPS2211IDBLE Datasheet HTML 5Page - Texas Instruments TPS2211IDBLE Datasheet HTML 6Page - Texas Instruments TPS2211IDBLE Datasheet HTML 7Page - Texas Instruments TPS2211IDBLE Datasheet HTML 8Page - Texas Instruments TPS2211IDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS2211
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS156E – JULY 1997 – REVISED JANUARY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
typical PC-card power-distribution application
AVCC
AVCC
AVCC
AVPP
VCCD0
VCCD1
VPPD0
VPPD1
OC
SHDN
GND
0.1
µF
0.1
µF
VCC1
VCC2
Vpp1
Vpp2
PC Card
Connector
PCMCIA
Controller
VCC_EN0
VCC_EN1
VPP_EN0
VPP_EN1
CS
To CPU
TPS2211
12V
5V
5V
1
µF
0.1
µF
5 V
3.3V
3.3V
1
µF
0.1
µF
3.3 V
Shutdown Signal From CPU
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com