Electronic Components Datasheet Search
  English  ▼

X  

ADP8860 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP8860
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP8860 Datasheet HTML 35Page - Analog Devices ADP8860 Datasheet HTML 36Page - Analog Devices ADP8860 Datasheet HTML 37Page - Analog Devices ADP8860 Datasheet HTML 38Page - Analog Devices ADP8860 Datasheet HTML 39Page - Analog Devices ADP8860 Datasheet HTML 40Page - Analog Devices ADP8860 Datasheet HTML 41Page - Analog Devices ADP8860 Datasheet HTML 42Page - Analog Devices ADP8860 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
ADP8860
Rev. 0 | Page 39 of 52
Independent Sink Current Time (ISCT2)—Register 0x12
Table 45. ISCT2 Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SC4OFF
SC3OFF
SC2OFF
SC1OFF
Table 46. Bit Descriptions for the ISCT2 Register
Designation
Bit
Description1, 2
SC4OFF
7:6
SC4 off time. When the SC off time is disabled, the ISC remains on while enabled. When the SC off time is set to any
other value, then the ISC turns off for the off time (per the following listed times) and then turns on according to
the SCON setting.
00 = off time disabled.
01 = 0. 6 sec.
10 = 1.2 sec.
11 = 1.8 sec.
SC3OFF
5:4
SC3 off time. When the SC off time is disabled, the ISC remains on while enabled. When the SC off time is set to any
other value, then the ISC turns off for the off time (per the following listed times) and then turns on according to
the SCON setting.
00 = off time disabled.
01 = 0. 6 sec.
10 = 1.2 sec.
11 = 1.8 sec.
SC2OFF
3:2
SC2 off time. When the SC off time is disabled, the ISC remains on while enabled. When the SC off time is set to any
other value, then the ISC turns off for the off time (per the following listed times) and then turns on according to
the SCON setting.
00 = off time disabled.
01 = 0. 6 sec.
10 = 1.2 sec.
11 = 1.8 sec.
SC1OFF
1:0
SC1 off time. When the SC off time is disabled, the ISC remains on while enabled. When the SC off time is set to any
other value, then the ISC turns off for the off time (per the following listed times) and then turns on according to
the SCON setting.
00 = off time disabled.
01 = 0. 6 sec.
10 = 1.2 sec.
11 = 1.8 sec.
1 An independent sink remains on continuously when SCx_EN = 1 and SCx_OFF is 00 (disabled).
2 To enable multiple independent sinks, set the appropriate SCx_EN bits. To create equivalent blinking and fading sequences, enable all independent sinks in one write
cycle. This causes a preprogrammed sequence to start simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com