Electronic Components Datasheet Search
  English  ▼

X  

ADP8860 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP8860
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP8860 Datasheet HTML 44Page - Analog Devices ADP8860 Datasheet HTML 45Page - Analog Devices ADP8860 Datasheet HTML 46Page - Analog Devices ADP8860 Datasheet HTML 47Page - Analog Devices ADP8860 Datasheet HTML 48Page - Analog Devices ADP8860 Datasheet HTML 49Page - Analog Devices ADP8860 Datasheet HTML 50Page - Analog Devices ADP8860 Datasheet HTML 51Page - Analog Devices ADP8860 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
ADP8860
Rev. 0 | Page 49 of 52
OUTLINE DIMENSIONS
0.645
0.600
0.555
1.995
1.955
1.915
A
B
C
D
E
1
2
3
4
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
0.287
0.267
0.247
1.60
REF
SEATING
PLANE
0.40
REF
0.415
0.400
0.385
0.230
0.200
0.170
0.05 MAX
COPLANARITY
2.395
2.355
2.315
BALL A1
IDENTIFIER
Figure 47. 20-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-20-6)
Dimensions shown in millimeters
2.65
2.50 SQ
2.35
3.75
BSC SQ
4.00
BSC SQ
1
0.50
BSC
PIN 1
INDICATOR
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-1
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.08
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
20
6
16
10
11
15
5
EXPOSED
PAD
(BOTTOM VIEW)
0.60 MAX
0.60 MAX
0.25 MIN
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 48. 20-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-20-4)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com