Electronic Components Datasheet Search
  English  ▼

X  

ADP8860 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP8860
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP8860 Datasheet HTML 12Page - Analog Devices ADP8860 Datasheet HTML 13Page - Analog Devices ADP8860 Datasheet HTML 14Page - Analog Devices ADP8860 Datasheet HTML 15Page - Analog Devices ADP8860 Datasheet HTML 16Page - Analog Devices ADP8860 Datasheet HTML 17Page - Analog Devices ADP8860 Datasheet HTML 18Page - Analog Devices ADP8860 Datasheet HTML 19Page - Analog Devices ADP8860 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
ADP8860
Rev. 0 | Page 16 of 52
BACKLIGHT OPERATING LEVELS
Backlight brightness control operates in three distinct levels:
daylight (L1), office (L2), and dark (L3). The BLV bits in
Register 0x04 control the specific level in which the backlight
operates. These bits can be changed manually, or if in automatic
mode (CMP_AUTOEN is set high in Register 0x01), by the
ambient light sensor (see the Ambient Light Sensing section).
By default, the backlight operates at daylight level (BLV = 00),
where the maximum brightness is set using Register 0x09
(BLMX1). A daylight dim setting can also be set using
Register 0x0A (BLDM1). When operating at office level (BLV =
01), the backlight maximum and dim brightness settings are set
by Register 0x0B (BLMX2) and Register 0x0C (BLDM2). When
operating at the dark level (BLV = 10), the backlight maximum
and dim brightness settings are set by Register 0x0D (BLMX3)
and Register 0x0E (BLDM3).
DAYLIGHT (L1)
OFFICE (L2)
DARK (L3)
DAYLIGHT_MAX
OFFICE_MAX
BACKLIGHT OPERATING LEVELS
DAYLIGHT_DIM
DARK_MAX
DARK_DIM
OFFICE_DIM
0
30mA
Figure 29. Backlight Operating Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com