Electronic Components Datasheet Search
  English  ▼

X  

TPS2216ADB Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS2216ADB
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADB Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2216ADB Datasheet HTML 11Page - Texas Instruments TPS2216ADB Datasheet HTML 12Page - Texas Instruments TPS2216ADB Datasheet HTML 13Page - Texas Instruments TPS2216ADB Datasheet HTML 14Page - Texas Instruments TPS2216ADB Datasheet HTML 15Page - Texas Instruments TPS2216ADB Datasheet HTML 16Page - Texas Instruments TPS2216ADB Datasheet HTML 17Page - Texas Instruments TPS2216ADB Datasheet HTML 18Page - Texas Instruments TPS2216ADB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
0
–50
50
100
20
30
INPUT CURRENT AT VI(xVCC) = VI(xVPP) = 3.3 V
vs
JUNCTION TEMPERATURE
100
TJ – Junction Temperature – °C
70
80
90
40
50
60
10
0
II(5V)
II(12V)
II(3.3V)
Figure 21
–10
–50
50
100
0
20
120
30
40
60
10
50
INPUT CURRENT AT VI(xVCC) = VI(xVPP) = 5 V
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
70
80
90
110
100
0
II(12V)
II(3.3V)
II(5V)
Figure 22
–10
–50
50
100
20
30
INPUT CURRENT AT VI(xVCC) = 5 V, VI(xVPP) = 12 V
vs
JUNCTION TEMPERATURE
120
TJ – Junction Temperature – °C
70
80
90
40
50
60
100
110
0
10
0
II(12V)
II(3.3V)
II(5V)
Figure 23
0
–50
50
100
0.01
0.03
0.02
STATIC DRAIN-SOURCE ON-STATE RESISTANCE,
3.3-V xVCC SWITCH
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0.04
0.05
0.06
0.08
0.07
dc Load = 0.75 A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com