Electronic Components Datasheet Search
  English  ▼

X  

TPS2216ADB Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2216ADB
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADB Datasheet(HTML) 2 Page - Texas Instruments

  TPS2216ADB Datasheet HTML 1Page - Texas Instruments TPS2216ADB Datasheet HTML 2Page - Texas Instruments TPS2216ADB Datasheet HTML 3Page - Texas Instruments TPS2216ADB Datasheet HTML 4Page - Texas Instruments TPS2216ADB Datasheet HTML 5Page - Texas Instruments TPS2216ADB Datasheet HTML 6Page - Texas Instruments TPS2216ADB Datasheet HTML 7Page - Texas Instruments TPS2216ADB Datasheet HTML 8Page - Texas Instruments TPS2216ADB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
5V
5V
NC
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
AVCC
GND
RESET
NC
3.3V
5V
NC
MODE
NC
NC
NC
NC
12V
BVPP
BVCC
BVCC
BVCC
OC
STBY
3.3V
3.3V
TPS2216A
DAP PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
5V
5V
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
AVCC
GND
NC
RESET
3.3V
5V
MODE
NC
NC
NC
NC
12V
BVPP
BVCC
BVCC
BVCC
STBY
OC
3.3V
3.3V
TPS2216A
DB PACKAGE
(TOP VIEW)
NC – No internal connection
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
TPS2214
TPS2216
I/O
DESCRIPTION
DB-24
DB-30
DAP
3.3V
13, 14
15, 16, 17
16, 17, 18
I
3.3-V input for card power and/or chip power if 5 V is not present
5V
1, 2, 24
1, 2, 30
1, 2, 32
I
5-V input for card power and/or chip power
12V
7, 20
7, 24
8, 25
I
12-V Vpp input card power
AVCC
9, 10
9, 10, 11
10, 11, 12
O
VCC output: 3.3-V, 5-V, GND or high impedance to card
AVPP
8
8
9
O
VPP output: 3.3-V, 5-V, 12-V, GND or high impedance to card
BVCC
17, 18
20, 21, 22
21, 22, 23
O
VCC output: 3.3-V, 5-V, GND or high impedance to card
BVPP
19
23
24
O
VPP output: 3.3-V, 5-V, 12-V, GND or high impedance to card
GND
11
12
13
Ground
MODE
22
29
30
I
TPS2206 operation when floating or pulled low; must be pulled high externally for
TPS2216A operation. MODE is internally pulled low with a 150-k
Ω pulldown
resistor.
OC
15
18
20
O
Logic-level output that goes low when an overcurrent or overtemperature condition
exists.
RESET
6
6
7
I
Logic-level reset input active high. Do not connect if RESET pin is used. RESET
is internally pulled low with a 150-k
Ω pulldown resistor.
RESET
12
14
14
I
Logic-level reset input active low. Do not connect if RESET pin is used. The pin is
internally pulled high with a 150-k
Ω pullup resistor.
STBY
16
19
19
I
Logic-level active low input sets the TPS2216 to standby mode and sets all current
limits to 50 mA. The pin is internally pulled high with a 150-k
Ω pullup resistor.
CLOCK
4
4
5
I
Logic-level clock for serial data word
DATA
3
3
4
I
Logic-level serial data word
LATCH
5
5
6
I
Logic-level latch for serial data word
NC
21, 23
13, 25, 26,
27, 28
3, 15, 26,
27, 28, 29,
31
No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com