Electronic Components Datasheet Search
  English  ▼

X  

TPS2216ADB Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2216ADB
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADB Datasheet(HTML) 3 Page - Texas Instruments

  TPS2216ADB Datasheet HTML 1Page - Texas Instruments TPS2216ADB Datasheet HTML 2Page - Texas Instruments TPS2216ADB Datasheet HTML 3Page - Texas Instruments TPS2216ADB Datasheet HTML 4Page - Texas Instruments TPS2216ADB Datasheet HTML 5Page - Texas Instruments TPS2216ADB Datasheet HTML 6Page - Texas Instruments TPS2216ADB Datasheet HTML 7Page - Texas Instruments TPS2216ADB Datasheet HTML 8Page - Texas Instruments TPS2216ADB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram (pin numbers refer to 30-pin DB package)
† Both 12V pins must be connected together.
TPS2216A
AVCC
3.3V
15
12V†
12V†
5V
5V
5V
3.3V
3.3V
BVPP
BVCC
BVCC
BVCC
AVPP
AVCC
AVCC
16
29
24
7
30
2
1
17
6
5
4
3
19
18
14
9
10
11
8
20
21
22
23
S7
S8
S9
S10
CS
CS
CS
S11
S12
S13
S14
CS
CS
CS
S2
CS
CS
S3
S5
CS
CS
S6
S4
MODE
RESET
LATCH
CLOCK
DATA
STBY
OC
RESET
Internal
Current Monitor
Thermal
GND
12
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com