Electronic Components Datasheet Search
  English  ▼

X  

TPS5103DB Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS5103DB
Description  MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5103DB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS5103DB Datasheet HTML 8Page - Texas Instruments TPS5103DB Datasheet HTML 9Page - Texas Instruments TPS5103DB Datasheet HTML 10Page - Texas Instruments TPS5103DB Datasheet HTML 11Page - Texas Instruments TPS5103DB Datasheet HTML 12Page - Texas Instruments TPS5103DB Datasheet HTML 13Page - Texas Instruments TPS5103DB Datasheet HTML 14Page - Texas Instruments TPS5103DB Datasheet HTML 15Page - Texas Instruments TPS5103DB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
TPS5103
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
SLVS240 – SEPTEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
1
0.5
0
–40
–20
25
1.5
2
ERROR AMPLIFIER INPUT OFFSET VOLTAGE
vs
JUNCTION TEMPERATURE
2.5
85
125
VCC = 4.5 V,
VCC = 7 V,
VCC = 25 V
TJ – Junction Temperature – °C
Figure 12
1
0.5
0
–40
–20
25
1.5
2
ERROR AMPLIFIER OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
2.5
85
125
VCC = 4.5 V,
VCC = 7 V,
VCC = 25 V
TJ – Junction Temperature – °C
Figure 13
5.2
5
4.8
4.4
5.8
6
6.2
5.6
5.4
4.6
–40
–20
25
ERROR AMPLIFIER OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
85
125
VCC = 4.5 V,
VCC = 7 V,
VCC = 25 V
TJ – Junction Temperature – °C
Figure 14
9.75
9.5
9.25
9
10
10.25
HYSTERESIS COMPARATOR HYSTERESIS VOLTAGE
vs
JUNCTION TEMPERATURE
10.5
–40
–20
25
85
125
VCC = 7 V
TJ – Junction Temperature – °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com