Electronic Components Datasheet Search
  English  ▼

X  

TPS5103DB Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS5103DB
Description  MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5103DB Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS5103DB Datasheet HTML 9Page - Texas Instruments TPS5103DB Datasheet HTML 10Page - Texas Instruments TPS5103DB Datasheet HTML 11Page - Texas Instruments TPS5103DB Datasheet HTML 12Page - Texas Instruments TPS5103DB Datasheet HTML 13Page - Texas Instruments TPS5103DB Datasheet HTML 14Page - Texas Instruments TPS5103DB Datasheet HTML 15Page - Texas Instruments TPS5103DB Datasheet HTML 16Page - Texas Instruments TPS5103DB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TPS5103
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
SLVS240 – SEPTEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
VCC = 4.5 V,
VCC = 7 V
VCC = 25 V
VCC = 25 V
VCC = 7 V
VCC = 4.5 V
1.5
1
0.5
0
–45
–25
25
2
STANDBY SWITCH THRESHOLD VOLTAGE
vs
JUNCTION TEMPERATURE
2.5
95
135
TJ – Junction Temperature – °C
Figure 16
TJ = 125°C
TJ = –40°C
TJ = 25°C
4.7
4.6
4.4
4.2
010
4.9
5.1
VREF5 OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
5.2
20
5
4.8
4.5
4.3
VCC – Supply Voltage – V
Figure 17
IO – Output Current – mA
TJ = 125°C
TJ = 25°C
TJ = –40°C
3
2
1
0
0
–10
–20
–30
–40
4
5
VREF5 OUTPUT VOLTAGE
vs
OUTPUT CURRENT
6
–50
–60
–70
Figure 18
VCC = 25 V
VCC = 7 V
VCC = 4.5 V
–40
–20
0
–40
–20
25
–60
–80
VREF5 SHORT CURRENT
vs
JUNCTION TEMPERATURE
–100
85
125
TJ – Junction Temperature – °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com