Electronic Components Datasheet Search
  English  ▼

X  

3239 Datasheet(PDF) 2 Page - ASM GmbH

Part # 3239
Description  DIGITAL HiTESTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3239 Datasheet(HTML) 2 Page - ASM GmbH

  3239 Datasheet HTML 1Page - ASM GmbH 3239 Datasheet HTML 2Page - ASM GmbH 3239 Datasheet HTML 3Page - ASM GmbH 3239 Datasheet HTML 4Page - ASM GmbH 3239 Datasheet HTML 5Page - ASM GmbH 3239 Datasheet HTML 6Page - ASM GmbH 3239 Datasheet HTML 7Page - ASM GmbH 3239 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
✓
DC V basic accuracy: ±0.025% rdg.±2dgt.
✓
DC V basic accuracy: ±0.01% rdg.±2dgt.
✓
Includes frequency measurement for AC and DC A
The basic and economical
The high-accuracy & multi-functional
■
Low power resistance measurement function
prevents sample deterioration
The 3237, 3238 and 3239 use a low power Ω function to
minimize sample degradation when measuring resistance.
With this function, open terminal voltage never goes over 0.45
V DC, and measurement current never surpasses 100 µA DC.
For specifications, see pages 5 and 6.
■
Samples at rates of up to 300 samples/sec. (3.3 ms/sample)
■
Comparator function provides high-speed pass/fail evaluation
■
Equipped with external input and output for sequence control
■
Usefull Save/Load function helps work go faster
The 3237, 3238 and 3239 are equipped with a variety of
functions that help minimize tact time in production lines.
For details, see page 2.
■
Select from 3 types of units
■
True RMS value measurement
Both the 3237 and 3238 use true RMS measurement
for determination of distorted waveforms. In fact, HIOKI
guarantees accuracy of the 3238 and 3239 for AC voltage of
10 Hz to 300 kHz, and AC current of 10 Hz to 30 kHz.
For specifications, see pages 5 and 6.
■
Interface supports full remote operation
Measurement can be automated by using a controller to operate
the 3237 or 3238 through the GP-IB or RS-232C interface.
For details, see page 3.
Sampling speed Values in the ( ) show samples/second.
Frequency
FAST
*
MEDIUM
SLOW
50 Hz
3.3 ±1 ms (300) 130 ±5 ms (8) 1,040±50ms (1)
60 Hz
3.3 ±1 ms (300) 108 ±5 ms (9) 1,080 ±50 ms (1)
* Approximately 55 ms required for self-calibration at 30-minute intervals.
Does not apply at resistances higher than 2MΩ, or LPΩ higher than 200kΩ (see page 5).
For the 3238 and 3239's frequency function gate time, see page 5.
■
Features
High-speed Performance and Reliability
3.3 ms/sample
3238
3237
✓
DC V basic accuracy: ±0.01% rdg.±2dgt.
✓
All the functions of the 3238, plus 4-terminal
Ω measurement
For 4-terminal resistance measurement
3239
■
Reliable resistance measurement
using the 4-terminal measurement method
Using 4-terminal resistance
measurement, which is
unaffected by variables
such as measurement lead
wiring resistance, the
3239
displays outstanding
resistance measurement
capabilities.
For DIGITAL HiTESTER specifications, see pages 5 and 6
For clamp specifications, see page 4
DC voltage
[5 ranges, 199.999 mV to 1000.00 V]
✓
✓
✓
AC voltage
[4 ranges, 1999.99 mV to 700.00 V]
✓
✓
✓
Resistance
[7 ranges, 199.999
Ω to 100.000 MΩ]
✓
✓
✓
Resistance LP
[4 ranges, 1999.99
Ω to 1999.99 MΩ]
✓
✓
✓
Continuity check
[A buzzer sounds when resistance is less than 50.00
Ω] ✓
✓
✓
Diode check
[Anode-cathode voltage in the 1999.99 mV range]
✓
✓
✓
Current measurement by
clamp sensor
✓
✓
✓
AC/DC current
[2 ranges, 199.999 mA and 1999.99 mA]
✓
✓
Frequency
[5 ranges, 99.9999 Hz to 300.000 kHz]
✓
✓
Resistance
[5 ranges,199.999
Ω to 1999.99 kΩ]
✓
Resistance LP
[4 ranges,1999.99
Ω to 1999.99 MΩ]
✓
2-terminal
2-terminal
4-terminal
4-terminal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com