Electronic Components Datasheet Search
  English  ▼

X  

3239 Datasheet(PDF) 3 Page - ASM GmbH

Part # 3239
Description  DIGITAL HiTESTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3239 Datasheet(HTML) 3 Page - ASM GmbH

  3239 Datasheet HTML 1Page - ASM GmbH 3239 Datasheet HTML 2Page - ASM GmbH 3239 Datasheet HTML 3Page - ASM GmbH 3239 Datasheet HTML 4Page - ASM GmbH 3239 Datasheet HTML 5Page - ASM GmbH 3239 Datasheet HTML 6Page - ASM GmbH 3239 Datasheet HTML 7Page - ASM GmbH 3239 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
High-speed comparator and external input/output
■
Save/Load function for rapid response to various
work situations
You can save and recall a maximum of 30 DMM setting
conditions for various range and comparator values.
■
A trigger delay designed for measurement safety
The 3237, 3238 and 3239 are equipped with a trigger delay
function that can be set to manual or automatic for the time
period between trigger input and the display of the comparator
result (see T2 in the figure above).
With free running measurement
Minimizing tact time
■
EXT.I/O
Loading of saved settings from panel……LOAD 0 to 4
Measurement start trigger input…………TRIG
Measurement end signal output…………EOC
Comparator output…………………………Hi, IN, Lo
Internal power supply +5 V (max. 50 mA)……INT. DC V
Internal GND………………………….………INT. GND
Input type: CMOS level
Signal voltage: Hi 3.8 V to 5.0 V, Lo 0 V (shorted) to 1.2 V
Logic: Negative logic (Low active)
Output type: Open collector
Applied voltage: Max. 35 V DC, 50 mA
Logic: Negative logic (Low active)
Connector used: 57RE-40360-730B (D29) (DDK Ltd.)
Conforming connector: ADS-HC360001-010 (Honda Tsushin Kogyo Co., Ltd.),
RC30-36P (Hirose Electric Co., Ltd.) and other suitable connectors
Manual settings: Designate periods in terms of millisecond intervals between 0.000 s and 9.999 s
Automatic settings:
FAST
MEDIUM
SLOW
DC V
3 ms
3 ms
3 ms
AC V
500 ms
800 ms
1.5 s
Ω (200Ω to 200 kΩ)
3 ms
3 ms
3 ms
X: measurement value, H: Upper limit, L: Lower limit
X > H
…………………………Hi
H > X > L
…………………IN
L > X
………………Lo
Time
MIN.
TYP.
MAX.
T1 Measurement trigger pulse width 500 µs
…
…
T2
Trigger delay time
See below
T3
Sampling time
using external
control
FAST
MEDIUM
SLOW
T4
Internal operation time
…
2.0 ms
…
500
µs
…
…
2
T6
EOC Lo level time
for free running
measurement
FAST
…
1.7 ms
…
MEDIUM
…
50 ms
…
SLOW
…
500 ms
…
T5 From the end of measurement
until the next trigger
T7
Sampling time
for free running
measurement
FAST
MEDIUM
SLOW
See the table
at the top right of page 1.
with sequence control
●
Comparator with external output
You can set the upper and lower limits, and display one of 3
results: Hi, IN or Lo. In addition to LED and buzzer results,
open collector output results are provided through the external
input/output terminals.
See the table
at the top right of page 1.
W i t h e x t e r n a l c o n t r o l



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com